Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 17Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 18Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 19Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 20Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 21Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 22Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 23Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 24Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
Rev. B - November 10, 2000
21
Preliminary
T80C5112
Table 8. WDTPRG Register
WDTPRG Address (0A7h)
Reset value XXX0 0000
Write only register
8.1.1. WDT during Power Down and Idle
8.1.1.1. Power down and OSCC inactive
In Power Down mode the oscillator stops, which means the WDT also stops. While in Power Down mode the
user does not need to service the WDT. There are 2 methods of exiting Power Down mode: by a hardware reset
or via a level activated external interrupt which is enabled prior to entering Power Down mode. When Power
Down is exited with hardware reset, servicing the WDT should occur as it normally should whenever the T80C5112
is reset. Exiting Power Down with an interrupt is significantly different. The interrupt is held low long enough for
the oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent the WDT from
resetting the device while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reseted during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it is best to reset the
WDT just before entering powerdown.
7
6
5
4
3
2
1
0
T4
T3
T2
T1
T0
S2
S1
S0
Bit Number
Bit
Mnemonic
Description
7
T4
Reserved
Do not try to set this bit.
6
T3
5
T2
4
T1
3
T0
WDT overßow select bit
0 : Overßow after 14 bits
1 : Overßow after 10 bits
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
S2S1S0
Selected Time-out with T0=0
000
(214 - 1) machine cycles, 16.3 ms @ 12 MHz
001
(215 - 1) machine cycles, 32.7 ms @ 12 MHz
010
(216 - 1) machine cycles, 65.5 ms @ 12 MHz
011
(217 - 1) machine cycles, 131 ms @ 12 MHz
100
(218 - 1) machine cycles, 262 ms @ 12 MHz
101
(219 - 1) machine cycles, 542 ms @ 12 MHz
110
(220 - 1) machine cycles, 1.05 s @ 12 MHz
111
(221 - 1) machine cycles, 2.09 s @ 12 MHz
S2S1 S0
Selected Time-out with T0=1
000
(210 - 1) machine cycles, 60 ms @ 200 kHz
001
(211 - 1) machine cycles, 120ms @ 200 kHz
010
(212 - 1) machine cycles, 240ms @ 200 kHz
011
(213 - 1) machine cycles, 480ms @ 200 kHz
100
(214 - 1) machine cycles, 860ms @ 200 kHz
101
(215 - 1) machine cycles, 1.7s @ 200 kHz
110
(216 - 1) machine cycles, 3.4s @ 200 kHz
111
(217 - 1) machine cycles, 6.8s @ 200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com