Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 35 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 31Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 32Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 33Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 34Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 35Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 36Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 37Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 38Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 97 page
background image
Rev. B - November 10, 2000
35
Preliminary
T80C5112
· for UART
Example of computed value when X2=1, SMOD1=1, SPD=1
Example of computed value when X2=0, SMOD1=0, SPD=0
The baud rate generator can be used for mode 1 or 3 (refer to figures 13 ), but also for mode 0 for both UARTs,
thanks to the bit SRC located in BDRCON register (Table 20)
11.4. UARTs registers
SADEN - Slave Address Mask Register for UART (B9h)
Reset Value = 0000 0000b
SADDR - Slave Address Register for UART (A9h)
Reset Value = 0000 0000b
Baud Rates
FXTAL = 16.384 MHz
FXTAL = 24MHz
BRL
Error (%)
BRL
Error (%)
115200
247
1.23
243
0.16
57600
238
1.23
230
0.16
38400
229
1.23
217
0.16
28800
220
1.23
204
0.16
19200
203
0.63
178
0.16
9600
149
0.31
100
0.16
4800
43
1.23
-
-
Baud Rates
FOSC = 16.384 MHz
FOSC = 24MHz
BRL
Error (%)
BRL
Error (%)
4800
247
1.23
243
0.16
2400
238
1.23
230
0.16
1200
220
1.23
202
3.55
600
185
0.16
152
0.16
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Baud_Rate =
2SMOD1 x 2X2 x FXTAL
2 x 2 x 6(1-SPD) x 16 x [256 - (BRL)]
(BRL) = 256 -
2SMOD1 x 2X2 x FXTAL
2 x 2 x 6(1-SPD) x 16 x Baud_Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com