Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFIL Datasheet(PDF) 50 Page - ATMEL Corporation

Part # T87C5112-RKFIL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFIL Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button T87C5112-RKFIL Datasheet HTML 46Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 47Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 48Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 49Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 50Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 51Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 52Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 53Page - ATMEL Corporation T87C5112-RKFIL Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 97 page
background image
50
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 22. PCA Timer/Counter
Table 26. CMOD: PCA Counter Mode Register
CMOD
Address 0D9H
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Reset value
0
0
X
X
X
0
0
0
Symbol
Function
CIDL
Counter Idle control: CIDL = 0 programs the PCA Counter to continue functioning during
idle Mode. CIDL = 1 programs it to be gated off during idle.
WDTE
Watchdog Timer Enable: WDTE = 0 disables Watchdog Timer function on PCA Module 4.
WDTE = 1 enables it.
-
Not implemented, reserved for future use.a
a.
User software should not write 1s to reserved bits. These bits may be used in future 8051 family
products to invoke new features. In that case, the reset or inactive value of the new bit will be 0, and its
active value will be 1. The value read from a reserved bit is indeterminate.
CPS1
PCA Count Pulse Select bit 1.
CPS0
PCA Count Pulse Select bit 0.
CPS1
CPS0
Selected PCA input.b
b.
fosc = oscillator frequency
0
0
Internal clock fosc/12 ( Or fosc/6 in X2 Mode).
0
1
Internal clock fosc/4 ( Or fosc/2 in X2 Mode).
1
0
Timer 0 Overflow
1
1
External clock at ECI/P1.2 pin (max rate = fosc/8)
ECF
PCA Enable Counter Overflow interrupt: ECF = 1 enables CF bit in CCON to generate an
interrupt. ECF = 0 disables that function of CF.
CIDL
CPS1
CPS0
ECF
It
CH
CL
16 bit up/down counter
To PCA
modules
Fosc /12
Fosc / 4
T0 OVF
P1.2
Idle
CMOD
0xD9
WDTE
CF
CR
CCON
0xD8
CCF4
CCF3
CCF2
CCF1
CCF0
overßow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com