Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 3Page - Micrel Semiconductor MIC2829 Datasheet HTML 4Page - Micrel Semiconductor MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
7
M9999-051410-B
Absolute Maximum Ratings
(1)
All Power Input Supplies……………………….….-0.3 to 6V
All Logic Inputs…….............................................-0.3 to 6V
All Feedback Inputs
..................... -0.3 to (VAVIN + 0.3V)
Ambient Storage Temperature ……………-65
°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
ESD Rating (SIMRST, CLK, IO, PWR pins)......8kV to GND
Operating Ratings
(2)
Supply and Bias Voltage (VPVIN, VAVIN).………..2.7V to 5.5V
Supply Voltage (VINLDO) .. ……………………….1.8V to VAVIN
Supply Voltage (VLSPWR) ........………………….1.6V to VAVIN
All Logic Inputs .........................………………….0V to VAVIN
All Feedback Inputs ..................………………….0V to VAVIN
Junction Temperature Range (TJ)... ….-40°C ≤ TJ ≤ +125°C
Thermal Resistance
5.5mm x 5.5mm LGA (
θ
JA)..............................38.7°C/W
5.5mm x 5.5mm FBGA (
θ
JA) ...........................38.7°C/W
Electrical Characteristics – General
(4)
TA = 25°C; AVINX = 4.3V unless otherwise specified. Bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage Range
All VAVIN and VPVIN
2.7
5.5
V
Shutdown Current
VIN = 5.0V
All outputs disabled
1
μA
High
1.1
V
Enable (ENx) & Voltage Scaling
Threshold (VSC2, VSLS)
Low
0.2
V
VIL < 0.2V
2
μA
Enable & Voltage Scaling Input
Current
VIH > 1.1V
2
μA
Over-Temperature Shutdown
Threshold
150
°C
Over-Temperature Hysteresis
10
°C
Under-voltage Lockout
VAVIN rising
2.4
2.55
2.7
V
When Out_x disabled; IOUT = 3mA.
300
Ω
Auto-Discharge NFET
Resistance
(5)
When Out_x disabled; IOUT = 3mA.
DC5 & 6 pull down on feedback pin.
700
Ω
Electrical Characteristics – Quiescent Current
(6)
TA=25
oC, AVINx = PVINx = INLDOx = ENGLB = 4.3V; ENx = 0V ; All I
OUT = 0mA unless otherwise noted.
Bold values indicate -40
°C ≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
Initial Sequence IQ
DC1, 3, 4 Non switching, No loads
LDO 1, 2, 11 IOUT = 100μA
220
μA
DC2 Additional IQ
DC2 enabled. ENDC2 = 4.3V
VFB > VOUTNOM x 1.2 (Non switching)
10
μA
DC 5, 6 Additional IQ
Per enabled DC. ENDCx = 4.3V
VFB > 1.2V; IOUT = 0mA (Non switching)
945
μA
LDO 3, 4, LSPWR Additional IQ
Per enabled LDO. ENLx = 4.3V
IOUT =100µA
40
μA
LNR 5 – 10 Additional IQ
Per enabled LNR. ENLx = 4.3V
IOUT =100µA
20
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com