Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 4Page - Micrel Semiconductor MIC2829 Datasheet HTML 5Page - Micrel Semiconductor MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
8
M9999-051410-B
Electrical Characteristics – Buck Regulator (DC1 – DC4)
TA=25°C, AVINx = VSC2 = ENGLB = ENDC2 = 4.3V, L3 = 1.0µH, L1, 2, 4 = 2.2µH, COUT = 4.7µF, IOUT = 20mA, unless
noted. Bold values indicate -40°C
≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
VOUT = VOUTNOM x 0.9, DC1
1
1.4
VOUT = VOUTNOM x 0.9, DC3 & 4
0.65
1.5
Switch Current Limit
VOUT = VOUTNOM x 0.9, DC2
0.33
1.1
A
Output Voltage Accuracy
-3
3
%
Line Regulation
4.3V
≤ AVIN ≤ 5.5V, Iout = 20mA
0.4
%/V
Load Regulation
150mA
≤ IOUT ≤ 400mA
0.5
%
ISW1,3 = -100mA NMOS, DC1 & 3
ISW4 = -100mA NMOS, DC4
ISW2 = -100mA NMOS, DC2
0.4
0.45
0.6
HLL Buck Switch ON Resistance
ISW3 = +100mA PMOS, DC3
ISW1, 4 = +100mA PMOS, DC1 & 4
ISW2 = +100mA PMOS, DC2
0.5
0.6
1.1
Ω
Soft Start Time
VOUT = 90%
600
µs
Scale Transition Time DC2
DC2 only. Time to reach 90% target.
100
µs
DC1, 2, 4 ILOAD = 120mA
4
Frequency
DC3
ILOAD = 120mA
2.5
MHz
RESETB on DC4
VTH Falling
Low Threshold, % of nominal DC4 output (Flag ON)
85
%
VTH Rising
High Threshold, % of nominal DC4 output (Flag OFF)
96
%
VOL
RESETB logic low voltage; IL = 250µA
0.02
0.05
V
IRESETB
Flag Leakage Current, Flag OFF
-1
0.1
+1
µA
SETDLY input on DC4
SETDLY Current Source
VSETDLY = 0V
0.75
1.45
1.75
µA
SETDLY Threshold Voltage
RESETB = High
1.241
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com