Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor MIC2829 Datasheet HTML 17Page - Micrel Semiconductor MIC2829 Datasheet HTML 18Page - Micrel Semiconductor MIC2829 Datasheet HTML 19Page - Micrel Semiconductor MIC2829 Datasheet HTML 20Page - Micrel Semiconductor MIC2829 Datasheet HTML 21Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
17
M9999-051410-B
Typical Characteristics (Continued)
Typical LNR PSRR
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1000
100000
10000000
FREQUENCY (Hz)
VIN = 4.3V
VOUT_NOM = 2.8V
COUT = 2.2µF
IOUT = 100µA
IOUT = 100mA
Typical LDO Output Noise
Spectral Density
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 5V
VOUT = 2.5V
Load = 36
Ω
COUT = 2.2µF
Noise (10Hz- 100kHz) = 64.9µVrms
Typical LNR Output Noise
Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000
10,000
100,000
FREQUENCY (Hz)
VIN = 5V
VOUT = 2.5V
Load = 36
Ω
COUT = 2.2µF
CBYP = 0.1µF
Noise (10Hz- 100kHz) = 17.7µVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com