Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 38 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 38 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor MIC2829 Datasheet HTML 37Page - Micrel Semiconductor MIC2829 Datasheet HTML 38Page - Micrel Semiconductor MIC2829 Datasheet HTML 39Page - Micrel Semiconductor MIC2829 Datasheet HTML 40Page - Micrel Semiconductor MIC2829 Datasheet HTML 41Page - Micrel Semiconductor MIC2829 Datasheet HTML 42Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
38
M9999-051410-B
Bill of Material
Item
Part Number
Manufacturer
Description
Qty.
C1, C2, C4, C9,
C14 – C18, C20,
C21, C23, C25, C26,
C28, C29, C32 – C37
CL05A105KP5NNN
Samsung
(1)
1.0µF Ceramic Capacitor, 10V, X5R, Size 0402
22
C3, C5, C6, C8,
C10 – C13
CL05A225MP5NSN
Samsung
2.2µF Ceramic Capacitor, 10V, X5R, Size 0402
8
C19, C22, C24, C27,
C30, C31
CL05A475MQ5NRN
Samsung
4.7µF Ceramic Capacitor, 6.3V, X5R, Size 0402
6
C7
CL05B104K05NNNC
Samsung
100nF Ceramic Capacitor, 16V, X7R, Size 0402
1
C39, C40
CL05C121JB5NNNC
Samsung
120pF, Ceramic Capacitor, 50V, C0G, Size 0402
2
L1, L2, L4, L5, L6
CIG21L2R2MNE
Samsung
2.2µH 950mA, 160m
Ω, L2.0mm x W1.25mm x
H1.0mm
5
L3
CIG21L1R0MNE
Samsung
1.0µH 1.15A 110m
Ω, L2.0mm x W1.25mm x
H1.0mm
1
R7, R10
CRCW040246K4FKED
Vishay
(2)
46.4 k
Ω, 1%, 0402
1
R8, R16
CRCW040220KFKED
Vishay
20 k
Ω, 1%, 0402
3
R23
CRCW040210KFKED
Vishay
10k
Ω, 1%, 0402
1
U1
MIC2829-xxYAL
or
MIC2829-xxYAB
Micrel, Inc.
(3)
3G/4G HEDGE/LTE PMIC
1
Notes:
1. Samsung: www.sem.samsung.com.
2. Vishay: www.vishay.com.
3. Micrel, Inc: www.micrel.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com