Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 6Page - Micrel Semiconductor MIC2829 Datasheet HTML 7Page - Micrel Semiconductor MIC2829 Datasheet HTML 8Page - Micrel Semiconductor MIC2829 Datasheet HTML 9Page - Micrel Semiconductor MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
10
M9999-051410-B
Electrical Characteristics – Low Noise Regulators (LNR5 – LNR10)
TA=25
oC, AVINx = ENx= 4.3V, V
INLDOx = Vout+1V, COUT = 2.2µF, IOUT = 100µA, unless noted.
Bold values indicate -40
°C ≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
Supply Voltage Range
LNR5, 6, 7
LNR8, 9 ,10
1.8
1.7
AVIN
AVIN
V
Current Limit
200
mA
Output Voltage Accuracy
-3
3
%
Dropout Voltage
LNR5, 6, 7; IOUT = 100mA;
LNR8, 9, 10
40
N/A
75
mV
Line Regulation
VOUT + 1V ≤ VINLDOx ≤ VAVIN
0.02
0.2
%/V
Load Regulation
100µA
≤ IOUT ≤ 100mA
0.4
2
%
Output Noise
100Hz to 100kHz; COUT = 2.2µF, CBYP = 0.1µF
20
µVrms
Ripple Rejection
f = 1kHz, COUT = 2.2µF, CBYP = 0.1µF
70
dB
Turn On Time
Enable to 90% nominal VOUT
100
µs
Electrical Characteristics – SIM power supply and level translator
TA=25
oC, AVINx = ENGLB = ENLS = 4.3V, C
OUT = 1.0µF, IOUT = 100µA, unless otherwise noted.
Bold values indicate -40
°C ≤ T
J ≤ 125°C.
Parameter
Condition
Min
Typ
Max
Unit
Controller Voltage Input
1.62
1.8
1.98
V
Current Limit (SIMPWR)
60
mA
Output Voltage Accuracy
3V Output , IOUT = 50mA
1.8V Output, IOUT = 50mA
2.7
1.7
3
1.8
3.3
2.0
V
SIMPWR Turn On Time
500
µs
High Input Threshold
RSTIN, CLKIN (Y = VLSPWR)
0.7*Y
V
Low Input Threshold
RSTIN, CLKIN (Y = VLSPWR)
0.2*Y
V
SIMIO (VOH)
IOH = 20µA, DATA = VLSPWR (X = VSIMPWR)
0.8*X
V
SIMIO (VOL)
IOL = -1mA, DATA = 0V
0.4
V
SIMRST, SIMCLK (VOH)
IOH = 20µA, (X = VSIMPWR)
0.9*X
V
SIMRST, SIMCLK (VOL)
IOL = -200µA
0.4
V
DATA (VOH)
IOH = 20µA, SIMIO = VSIMPWR (Y = VLSPWR)
0.7*Y
V
DATA (VOL)
IOL = -200µA, SIMIO = 0V
0.4
V
DATA Pull Up Resistance
Between DATA and LSPWR
13
20
30
k
Ω
SIMIO Pull Up Resistance
Between SIMIO and SIMPWR
6.5
10
14
k
Ω
SIMCLK Rise/Fall Time
CRSTIN, CSMIIO = 30pF (20-80%)
18
ns
SIMRST, SIMIO Rise/Fall Time
CRSTIN, CSMIIO = 30pF (20-80%)
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com