Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 10Page - Micrel Semiconductor MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor MIC2829 Datasheet HTML 17Page - Micrel Semiconductor MIC2829 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
14
M9999-051410-B
Typical Characteristics (Continued)
LDO11 Output Voltage
vs. Input Voltage
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
VOUT_NOM = 2.8V
COUT = 2.2µF
IOUT = 1mA
IOUT = 200mA
IOUT = 100mA
DC1 Output Voltage
vs. Temperature
1.00
1.04
1.08
1.12
1.16
1.20
1.24
1.28
1.32
1.36
1.40
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 120mA
VIN = 5V
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
IOUT = 800mA
IOUT = 400mA
DC2 Output Voltage
vs. Temperature
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-40 -20
0
20
406080
100 120
TEMPERATURE (°C)
IOUT = 120mA
VIN = 5V
VOUT_NOM = 1V
VSC2 = 0V
L = 2.2µH
COUT = 4.7µF
IOUT = 300mA
DC3 Output Voltage
vs. Temperature
2.80
2.84
2.88
2.92
2.96
3.00
3.04
3.08
3.12
3.16
3.20
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 120mA
VIN = 5V
VOUT_NOM = 3V
L = 1µH
COUT = 4.7µF
IOUT = 800mA
IOUT = 400mA
DC4 Output Voltage
vs. Temperature
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 120mA
VIN = 5V
VOUT_NOM = 1.8V
L = 2.2µH
COUT = 4.7µF
IOUT = 300mA
IOUT = 600mA
DC5/6 Output Voltage
vs. Temperature
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
IOUT = 120mA
VIN = 5V
VOUT_NOM = 3.3V
L = 2.2µH
COUT = 4.7µF
IOUT = 800mA
Typical LDO Output Voltage
vs. Temperature
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
2.86
2.88
2.90
-40 -20
0
20
406080
100 120
TEMPERATURE (°C)
VOUT_NOM = 2.8V
COUT = 1µF
IOUT = 100µA
IOUT = 100mA
Typical LNR Output Voltage
vs. Temperature
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
2.86
2.88
2.90
-40 -20
0
20
406080
100 120
TEMPERATURE (°C)
VOUT_NOM = 2.8V
COUT = 2.2µF
IOUT = 100µA
IOUT = 100mA
SIMPWR Output Voltage
vs. Temperature
2.90
2.92
2.94
2.96
2.98
3.00
3.02
3.04
3.06
3.08
3.10
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 3V
VSLS = HIGH
IOUT = 50mA
SIMPWR Output Voltage
vs. Temperature
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 1.8V
VSLS = LOW
IOUT = 50mA
ENGLB Quiescent Current
vs. Input Voltage
100
150
200
250
300
3.3
3.7
4.1
4.5
4.9
5.3
INPUT VOLTAGE (V)
Switching, No Load
DC1, DC3, DC4, LDO1,
LDO2, LDO11 = ON
ENGLB = VIN
All other enables = 0V
DC2 Quiescent Current
vs. Input Voltage
0
2
4
6
8
10
12
14
16
18
20
3.3
3.7
4.1
4.5
4.9
5.3
INPUT VOLTAGE (V)
Not Switching
No Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com