Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 27Page - Micrel Semiconductor MIC2829 Datasheet HTML 28Page - Micrel Semiconductor MIC2829 Datasheet HTML 29Page - Micrel Semiconductor MIC2829 Datasheet HTML 30Page - Micrel Semiconductor MIC2829 Datasheet HTML 31Page - Micrel Semiconductor MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
31
M9999-051410-B
ENGLB
The global enable pin (ENGLB) must be pulled high in
order for the MIC2829 to function. When ENGLB is
pulled high, a startup sequence begins. The regulators
DC1,
DC3,
DC4/LDO2,
LDO1/LDO11
turn
on
in
sequence. See Turn-ON Sequence Flow Chart in Figure
1.
Figure 1. Turn-ON Sequence Flow Chart
ENDC
ENGLB needs to be high in order for any other enables
to function. A logic high signal on the enable pin
(ENDC2, ENDC5, ENDC6) activates the output voltage
of its respective buck regulator shown in Table 1. A logic
low signal on the enable pin deactivates the output of the
buck regulator. Do not leave floating, as it would leave
the regulator in an unknown state.
ENDC
HIGH (>1.1V)
LOW (<0.2V)
ENDC2
DC2 ON
DC2 OFF
ENDC5
DC5 ON
DC5 OFF
ENDC6
DC6 ON
DC6 OFF
Table 1. Buck Regulator Enable
ENL
ENGLB needs to be high in order for any other enables
to function. A logic high signal on the enable pin (ENL3
to ENL8, ENL910) activates the output voltage of LDO3,
LDO4 and LNR5 to LNR10 as shown in Table 2. A logic
low signal on the enable pin deactivates the output of the
respective LDO. Do not leave floating, as it would leave
the regulator in an unknown state.
ENL
HIGH (>1.1V)
LOW (<0.2V)
ENL3
LDO3 ON
LDO3 OFF
ENL4
LDO4 ON
LDO4 OFF
ENL5
LNR5 ON
LNR5 OFF
ENL6
LNR6 ON
LNR6 OFF
ENL7
LNR7 ON
LNR7 OFF
ENL8
LNR8 ON
LNR8 OFF
ENL910
LNR9, LNR10 ON
LNR9, LNR10 OFF
Table 2. LDO Regulator Enable
SETDLY
If the output voltage of DC4 is greater than 90% of
nominal, the Power On Reset (POR) delay circuit begins
to source a current to the set-delay pin (SETDLY). The
SETDLY pin is used to adjust the delay time of the
RESETB flag. A capacitor may be placed from SETDLY
to ground (AGND1, AGND2) to adjust the delay time at a
rate of 1 second/µF.
RESETB
The RESETB is an open drain output and can, for
instance, be tied to the output of DC4 through a 100k
resistor. When DC4 output voltage is greater than 96%,
then the RESETB voltage will be pulled high after a
delay set by the capacitor on the SETDLY pin. A
capacitor at the SETDLY pin will delay the RESETB flag
at a rate of 1 second / µF. When the output of DC4 is
below 90%, RESETB is pulled low.
FB1 to FB4
The feedback pin (FB1 to FB4) is connected to the
output of the HyperLight Load
TM
circuit to provide
feedback to the control circuitry. The FB connection
should be connected close to the output capacitor. Refer
to the layout recommendations for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com