Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 34 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 34 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 30Page - Micrel Semiconductor MIC2829 Datasheet HTML 31Page - Micrel Semiconductor MIC2829 Datasheet HTML 32Page - Micrel Semiconductor MIC2829 Datasheet HTML 33Page - Micrel Semiconductor MIC2829 Datasheet HTML 34Page - Micrel Semiconductor MIC2829 Datasheet HTML 35Page - Micrel Semiconductor MIC2829 Datasheet HTML 36Page - Micrel Semiconductor MIC2829 Datasheet HTML 37Page - Micrel Semiconductor MIC2829 Datasheet HTML 38Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
34
M9999-051410-B
Although all grounds eventually connect externally, it is
important to place the capacitors close to their ideal
ground for the load to minimize parasitic inductance and
resistance. This is especially important for a PMIC with
multiple regulators. Increasing the output capacitance
will lower output ripple and improve load transient
response, but could increase solution size or cost. Both
the X7R or X5R temperature rated capacitors are
recommended. The Y5V and Z5U temperature rated
capacitors are not recommended due to their wide
variation in capacitance over temperature and increased
resistance at high frequencies.
Inductor Selection
When selecting an inductor, it is important to consider
the following factors (not necessarily in the order of
importance):
•
Inductance
•
Rated current value
•
Size requirements
•
DC resistance (DCR)
The MIC2829 was designed for use with an inductance
range from 1µH to 2.2µH. Typically, a 2.2µH inductor is
recommended for a balance of transient response,
efficiency
and
output
ripple.
For
faster
transient
response, a 1µH inductor will yield the best result. For
lower output ripple, a 2.2µH inductor is recommended.
Maximum current ratings of the inductor are generally
given in two methods; permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss
in inductance. Ensure the inductor selected can handle
the maximum operating current. When saturation current
is specified, make sure that there is margin so that the
peak current does not cause the inductor to saturate.
Peak current can be calculated as follows:
⎥
⎦
⎤
⎢
⎣
⎡
⎟
⎠
⎞
⎜
⎝
⎛
×
×
−
+
=
L
f
2
/V
V
1
V
I
I
IN
OUT
OUT
OUT
PEAK
As shown by the calculation above, the peak inductor
current
is
inversely
proportional
to
the
switching
frequency (f) and the inductance (L); the lower the
switching frequency or the inductance the higher the
peak current. As input voltage increases, the peak
current also increases.
The size of the inductor depends on the requirements of
the application. Refer to the Typical Application Circuit
and Bill of Materials for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant
efficiency loss.
Refer
to
the
Efficiency
Considerations.
Efficiency Considerations
Efficiency is defined as the amount of useful output
power, divided by the amount of power supplied.
100
×
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
×
=
IN
IN
OUT
OUT
I
V
I
V
%
Efficiency
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply, reducing
the
need
for
heat
sinks
and
thermal
design
considerations and it reduces consumption of current for
battery powered applications. Reduced current draw
from a battery increases the devices operating time
which is critical in hand held devices.
There are two types of losses in switching converters;
DC losses and switching losses. DC losses are simply
the power dissipation of I
2R. Power is dissipated in the
high side switch during the on cycle. Power loss is equal
to the high side MOSFET RDSON multiplied by the Switch
Current squared. During the off cycle, the low side N-
channel MOSFET conducts, also dissipating power.
Device operating current also reduces efficiency. The
product of the quiescent (operating) current and the
supply voltage represents another DC loss. The current
required for driving the gates on and off at the constant
switching
frequency
and
other
internal
switching
transitions make up the switching losses.
DC4 Buck Efficiency
vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
VOUT_NOM = 1.8V
L = 2.2µH
COUT = 4.7µF
VIN = 3.6V
VIN = 5V
VIN = 4.3V
Figure 3. HLL Efficiency vs. Output Current
Figure 3 shows an efficiency curve. From an output
current of
1mA to 100mA, efficiency losses
are
dominated by quiescent current losses, gate drive and
transition losses. By lowering the switching frequency,
the HyperLight Load™ buck regulator (DC1 to DC4) is
able to maintain high efficiency at low output currents.
Over 100mA, efficiency loss is dominated by MOSFET
RDSON and inductor losses. Higher input supply voltages
will increase the Gate-to-Source overdrive on the
internal MOSFETs, thereby reducing the internal RDSON.
This improves efficiency by reducing conduction losses
in the device. All but the inductor losses are inherent to
the device. For higher current levels, inductor selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com