Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MIC2829 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC2829
Description  3G/4G HEDGE/LTE PMIC with Six Buck Converters, Eleven LDOs and SIM Card Level Translation
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2829 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC2829 Datasheet HTML 11Page - Micrel Semiconductor MIC2829 Datasheet HTML 12Page - Micrel Semiconductor MIC2829 Datasheet HTML 13Page - Micrel Semiconductor MIC2829 Datasheet HTML 14Page - Micrel Semiconductor MIC2829 Datasheet HTML 15Page - Micrel Semiconductor MIC2829 Datasheet HTML 16Page - Micrel Semiconductor MIC2829 Datasheet HTML 17Page - Micrel Semiconductor MIC2829 Datasheet HTML 18Page - Micrel Semiconductor MIC2829 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Micrel Inc.
MIC2829
May 2010
15
M9999-051410-B
Typical Characteristics (Continued)
DC5/6 Quiescent Current
vs. Input Voltage
600
700
800
900
1000
1100
1200
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
Not Switching
No Load
Typical LDO Quiescent
Current vs. Input Voltage
0
10
20
30
40
50
60
3.3
3.8
4.3
4.8
5.3
INPUT VOLTAGE (V)
IOUT = 100µA
Typical LNR Quiescent
Current vs. Input Voltage
0
10
20
30
40
3.3
3.7
4.1
4.5
4.9
5.3
INPUT VOLTAGE (V)
IOUT = 100µA
LDO1/11 Dropout
vs. Temperature
0
20
40
60
80
100
120
140
160
180
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
COUT = 1µF
IOUT = 100mA
LDO3 Dropout
vs. Temperature
0
10
20
30
40
50
60
-40
-20
0
20
406080
100 120
TEMPERATURE (°C)
VOUT = 2.8V
COUT = 1µF
IOUT = 100mA
LNR5/6/7 Dropout
vs. Temperature
0
10
20
30
40
50
60
70
80
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
COUT = 2.2µF
IOUT = 100mA
LDO2/4 Dropout
vs. Temperature
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
100 120
TEMPERATURE (°C)
COUT = 1µF
IOUT = 100mA
DC1 Current Limit
vs. Temperature
1200
1300
1400
1500
1600
1700
1800
1900
2000
2100
2200
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 1.2V
L = 2.2µH
COUT = 4.7µF
DC2 Current Limit
vs. Temperature
400
500
600
700
800
900
1000
1100
1200
1300
1400
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
VOUT_NOM = 1V
L = 2.2µH
COUT = 4.7µF
DC3/4 Current Limit
vs. Temperature
800
900
1000
1100
1200
1300
1400
1500
1600
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
L = 2.2µH
COUT = 4.7µF
DC5/6 Current Limit
vs. Temperature
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-40 -20
0
20
40
60
80
100 120
TEMPERATURE (°C)
VIN = 5V
L = 2.2µH
COUT = 4.7µF
Typical LDO Current Limit
vs. Temperature
0
100
200
300
400
500
600
700
800
900
1000
-40 -20
0
2040
6080
100 120
TEMPERATURE (°C)
COUT = 1µF
VIN = 5V
VIN = 4.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com