Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 11Page - Cirrus Logic CS5461 Datasheet HTML 12Page - Cirrus Logic CS5461 Datasheet HTML 13Page - Cirrus Logic CS5461 Datasheet HTML 14Page - Cirrus Logic CS5461 Datasheet HTML 15Page - Cirrus Logic CS5461 Datasheet HTML 16Page - Cirrus Logic CS5461 Datasheet HTML 17Page - Cirrus Logic CS5461 Datasheet HTML 18Page - Cirrus Logic CS5461 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
CS5461
DS546F2
15
power can be multiplied by the time duration of the
computation cycle, to generate a value for the accu-
mulated real energy over the last computation cy-
cle.
3.1.6 RMS Computations
RMS calculations are performed on the instanta-
neous voltage/current data and can be read from the
RMS Voltage Register and the RMS Current Reg-
ister. The results are computed once every compu-
tation cycle. Using N instantaneous current
samples (In), the RMS computations for the current
(and likewise for voltage, using Vn) is performed
using the formula:
3.2 Performing Measurements
The CS5461 performs measurements of instanta-
neous voltage, instantaneous current, instantaneous
power at an output word rate (sampling rate) of
(MCLK/K) / 1024. From these instantaneous sam-
ples, average (real) power, IRMS, and VRMS are
computed, using the most recent N instantaneous
samples that were acquired. All of the measure-
ments/results are available as a percentage of full
scale. The signed output format is a two’s comple-
ment format, and the output data words represent a
normalized value between -1 and +1.
The un-
signed data in the CS5461 output registers repre-
sent normalized values between 0 and 1. A register
value of 1 represents the maximum possible value.
Note that a value of 1.0 is never actually obtained,
the true maximum register value is [(2^23 - 1) /
(2^23)] = 0.999999880791.
After each A/D conversion, the CRDY bit will be
asserted in the Status Register, and the INT pin will
also become active if the CRDY bit is unmasked
(in the Mask Register). The assertion of the CRDY
bit indicates that new instantaneous samples have
been collected.
The unsigned VRMS, IRMS, and average power cal-
culations are updated every N conversions (which
is known as 1 “computation cycle”) where N is the
value in the Cycle Count Register. At the end of
each computation cycle, the DRDY bit in the Mask
Register will be set, and the INT pin will become
active if the DRDY bit is unmasked.
DRDY is set only after each computation cycle has
completed, whereas the CRDY bit is asserted after
each individual A/D conversion. When these bits
are asserted, they must be cleared by the user be-
fore they can be asserted again. If the Cycle Count
Register value (N) is set to 1, all output calculations
are instantaneous, and DRDY will indicate when
instantaneous calculations are finished, just like the
CRDY bit. For the RMS results to be valid, the Cy-
cle-Count Register must be set to a value greater
than 10.
A computation cycle is derived from the master
clock and its frequency is (MCLK/K)/(1024*N).
Under default conditions with a 4.096 MHz clock
at XIN, instantaneous A/D conversions for voltage,
current, and power are performed at a 4000 Hz rate,
whereas IRMS, VRMS, and energy calculations are
performed at a 1 Hz rate.
3.3 CS5461 Linearity Performance
Table 1 lists the range of input levels (as a percent-
age of full-scale registration in the Average Power,
Irms, and Vrms Registers) over which the output
linearity of the Vrms, Irms and Average Power
Register measurements are guaranteed to be within
Σ
N -1
n = 0
N
I
n
RMS =
Avg Power
Vrms
Irms
Range (% of FS) 0.1% - 100%
1% - 100%
0.2% - 100%
Linearity
0.1% of
reading
0.1% of
reading
0.1% of
reading
Table 1. Available range of ±0.1% output linearity,
with default settings in the gain/offset registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com