Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic CS5461 Datasheet HTML 32Page - Cirrus Logic CS5461 Datasheet HTML 33Page - Cirrus Logic CS5461 Datasheet HTML 34Page - Cirrus Logic CS5461 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
CS5461
DS546F2
31
6.2 Serial Port Interface
The CS5461’s serial interface consists of four con-
trol lines, which have the following pin-names: CS,
SDI, SDO, and SCLK.
1) CS is the control line which enables access to
the serial port. If the CS pin is tied to logic 0,
the port can function as a three wire interface.
2) SDI is the data signal used to transfer data to the
converter.
3) SDO is the data signal used to transfer output
data from the converter. The SDO output will
be held at high impedance any time CS is at
logic 1.
4) SCLK is the serial bit-clock which controls the
shifting of data to or from the ADC’s serial
port. The CS pin must be held at logic 0 before
SCLK transitions can be recognized by the port
logic. To accommodate opto-isolators SCLK is
designed with a Schmitt-trigger input to allow
an opto-isolator with slower rise and fall times
to directly drive the pin.
6.3 Serial Read and Write
The state machine decodes the command word as it
is received. Data is written to and read from the
CS5461 by using the Register Read/Write opera-
tion. A transfer of data is always initiated by send-
ing the appropriate 8-bit command (MSB first) to
the serial port (SDI pin). Figure 1 illustrates the se-
rial sequence necessary to write to, or read from the
serial port’s buffers.
During a write operation, the serial port will contin-
ue to clock in the data bits (MSB first) on the SDI
pin for the 24 SCLK cycles.
When a read command is initiated, the serial port
will start transferring register content bits serial
(MSB first) on the SDO pin for 8, 16, or 24 SCLK
cycles. Command words instructing a register read
may be terminated at 8-bit boundaries. Also data
register reads allow “command chaining”. This
means the micro-controller can send a new com-
mand while reading register data. The new com-
mand will be acted upon immediately and could
possibly terminate the first register read. For exam-
ple, if only the 16 most significant bits of data from
the first read are required, a second read command
on SDI can be initiated after the first 8 data bits are
read from SDO.
During a read cycle, the SYNC0 command
(NOP) should be strobed on the SDI port while
clocking the data from the SDO port.
6.4 System Initialization
A software or hardware reset can be initiated at any
time. The software reset is initiated by sending the
command 0x80.
A hardware reset is initiated when the RESET pin
is forced low with a minimum pulse width of 50 ns.
The RESET signal is asynchronous, requiring no
MCLKs for the part to detect and store a reset
event. The RESET pin is a Schmitt Trigger input,
which allows it to accept slow rise times and/or
noisy control signals. Once the RESET pin is inac-
tive, the internal reset circuitry remains active for 5
MCLK cycles to insure resetting the synchronous
circuitry in the device. The modulators are held in
reset for 12 MCLK cycles after RESET becomes
inactive. After a hardware or software reset, the in-
ternal registers (some of which drive output pins)
will be reset to their default values on the first
MCLK received after detecting a reset event. The in-
ternal register values are also set to their default val-
ues after initial power-on of the device. The CS5461
will then assume its active state.
6.5 Serial Port Initialization
It is possible for the serial interface to become un-
synchronized, with respect to the SCLK input. If
this occurs, any attempt to clock valid CS5461
commands into the serial interface may result in
unexpected operation. The CS5461’s serial port
must then be re-initialized. To initialize the serial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com