Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 24Page - Cirrus Logic CS5461 Datasheet HTML 25Page - Cirrus Logic CS5461 Datasheet HTML 26Page - Cirrus Logic CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic CS5461 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
CS5461
28
DS546F2
6. SERIAL PORT OVERVIEW
The CS5461's serial port incorporates a state ma-
chine with transmit/receive buffers. The state ma-
chine interprets 8 bit command words on the rising
edge of SCLK. Upon decoding of the command
word, the state machine performs the requested
command or prepares for a data transfer of the ad-
dressed register. Request for a read requires an in-
ternal register transfer to the transmit buffer, while
a write waits until the completion of 24 SCLKs be-
fore performing a transfer. The internal registers
are used to control the ADC's functions. All regis-
ters are 24-bits in length.
The CS5461 is initialized and fully operational in
its active state upon power-on. After a power-on,
the device will wait to receive a valid command
(the first 8-bits clocked into the serial port). Upon
receiving and decoding a valid command word, the
state machine instructs the converter to either per-
form a system operation, or transfer data to or from
an internal register.
6.1 Commands
All command words are 1 byte in length. Any 8-bit word that is not listed in this section is considered an invalid com-
mand word. Commands that write to a register must be followed by 3 bytes of register data. Commands that read
data can be chained with other commands (e.g., while reading data, a new command can be sent to SDI which can
execute before the original read is completed).
6.1.1 Start Conversions
This command indicates to the state machine to begin acquiring measurements and calculating results. The device
has two modes of acquisition.
C =
Modes of acquisition/measurement
0 = Perform a single computation cycle
1 = Perform continuous computation cycles
6.1.2 SYNC0 Command
This command is the end of the serial port re-initialization sequence. The command can also be used as a NOP
command. The serial port is resynchronized to byte boundaries by sending three or more consecutive SYNC1 com-
mands followed by a SYNC0 command.
6.1.3 SYNC1 Command
This command is part of the serial port re-initialization sequence. The command also serves as a NOP command.
B7
B6
B5
B4
B3
B2
B1
B0
1110
C
000
B7
B6
B5
B4
B3
B2
B1
B0
11111110
B7
B6
B5
B4
B3
B2
B1
B0
11111111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com