Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic CS5461 Datasheet HTML 32Page - Cirrus Logic CS5461 Datasheet HTML 33Page - Cirrus Logic CS5461 Datasheet HTML 34Page - Cirrus Logic CS5461 Datasheet HTML 35Page - Cirrus Logic CS5461 Datasheet HTML 36Page - Cirrus Logic CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
CS5461
34
DS546F2
0 = High-pass filter disabled (default)
1 = High-pass filter enabled
iCPU
Inverts the CPUCLK clock. In order to reduce the level of noise present when analog signals
are sampled, the logic driven by CPUCLK should not be active during the sample edge.
0 = normal operation (default)
1 = minimize noise when CPUCLK is driving rising edge logic
K[3:0]
Clock divider. A 4-bit binary number used to divide the value of MCLK to generate the internal
clock DCLK. The internal clock frequency is DCLK = MCLK/K. The value of K can range be-
tween 1 and 16. Note that a value of “0000” will set K to 16 (not zero).
7.2 DC Current Offset Register and DC Voltage Offset Register
Address: 1 (DC Current Offset Register); 3 (DC Voltage Offset Register)
Default** = 0.000
The DC Offset Registers are initialized to zero on reset, allowing for uncalibrated normal operation. If DC Offset
Calibration is performed, this register is updated after one computation cycle with the current or voltage offset if
the proper DC input signals are applied. DRDY will be asserted at the end of the calibration. This register may
be read and stored for future system offset compensation. The value is in the range ± full scale. The numeric
format of this register is two’s complement notation.
7.3 AC/DC Current Gain Register and AC/DC Voltage Gain Register
Address: 2 (Current Gain Register); 4 (Voltage Gain Register)
Default** = 1.000
The Gain Registers are initialized to 1.0 on reset, allowing for uncalibrated normal operation. The Gain registers
hold the result of either the AC or DC gain calibrations, whichever was most recently performed. If DC calibration
is performed, the register is updated after one computation cycle with the system gain when the proper DC input
is applied. If AC calibration is performed, then after ~(6N + 30) A/D conversion cycles (where N is the value of
the Cycle-Count Register) the register(s) is updated with the system gain when the proper AC input is applied.
DRDY will be asserted at the end of the calibration. The register may be read and stored for future system gain
compensation. The value is in the range 0.0
≤ Gain < 3.9999.
7.4 Cycle Count Register
Address: 5
Default** = 4000
The Cycle Count Register value (denoted as ‘N’) determines the length of one energy and RMS computation
cycle. During continuous conversions, the computation cycle frequency is (MCLK/K)/(1024
∗N).
MSB
LSB
-(20)2-1
2-2
2-3
2-4
2-5
2-6
2-7
.....
2-17
2-18
2-19
2-20
2-21
2-22
2-23
MSB
LSB
21
20
2-1
2-2
2-3
2-4
2-5
2-6
.....
2-16
2-17
2-18
2-19
2-20
2-21
2-22
MSB
LSB
223
222
221
220
219
218
217
216
.....
26
25
24
23
22
21
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com