Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 25Page - Cirrus Logic CS5461 Datasheet HTML 26Page - Cirrus Logic CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic CS5461 Datasheet HTML 32Page - Cirrus Logic CS5461 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
CS5461
DS546F2
29
6.1.4 Power-Up/Halt
If the device is powered-down, this command will initiate a power on reset. If the part is already powered-on, all com-
putations will be halted.
6.1.5 Power-Down and Software Reset
The device has two power-down states to conserve power. If the chip is put in stand-by state, all circuitry except the
analog/digital clock generators is turned off. In the sleep state, all circuitry except the digital clock generator and the
instruction decoder is turned off. Bringing the CS5461 out of sleep state requires more time than out of stand-by
state, because of the extra time needed to re-start and re-stabilize the analog clock signal.
S1,S0
Power-down state
00 = Software Reset
01 = Halt and enter stand-by power saving state. This state allows quick power-on time
10 = Halt and enter sleep power saving state. This state requires a slow power-on time
11 = Reserved
6.1.6 Calibration
The device can perform a system AC offset calibration, DC offset calibration, AC gain calibration, and DC gain cal-
ibration. Offset and gain calibrations should NOT be performed at the same time (must do one after the other). Only
one gain calibration sequence should be performed for any given application. If calibration is needed, calibrate either
AC gain or DC gain, but not both. The user must supply the proper inputs to the device before initiating calibration.
V,I
Designates calibration channel
00 = Calibrate neither channel
01 = Calibrate the current channel
10 = Calibrate the voltage channel
11 = Calibrate voltage and current channel simultaneously
R
Designates calibration
0 = DC calibration
1 = AC calibration
G
Designates gain calibration
0 = No gain calibration
1 = Perform gain calibration
O*
Designates offset calibration
0 = No offset calibration
1 = Perform offset calibration
*If O is set then G is ignored.
B7
B6
B5
B4
B3
B2
B1
B0
10100000
B7
B6
B5
B4
B3
B2
B1
B0
100
S1
S0
000
B7
B6
B5
B4
B3
B2
B1
B0
110
V
I
R
G
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com