Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 26Page - Cirrus Logic CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic CS5461 Datasheet HTML 32Page - Cirrus Logic CS5461 Datasheet HTML 33Page - Cirrus Logic CS5461 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
CS5461
30
DS546F2
6.1.7 Register Read/Write
The Read/Write informs the state machine that a register access is required. During a read operation, the addressed
register is loaded into the device’s output buffer and clocked out by SCLK. During a write operation, the data is
clocked into the input buffer and, and all 24 bits are transferred to the addressed register on the 24th SCLK.
W/R
Write/Read control
0 = Read register
1 = Write register
RA[4:0]
Register address bits (bits 1 through 5) of the read/write command.
Address
RA[4-0]
Abbreviation
Name/Description
0
00000
Config
Configuration Register
1
00001
IDCoff
Current Offset Register
2
00010
Ign
Current Gain Register
3
00011
VDCoff
Voltage Offset Register
4
00100
Vgn
Voltage Gain Register
5
00101
Cycle Count
Number of A/D conversions used in one computation cycle (N)).
6
00110
PulseRateE
Sets the EOUT/EDIR energy-to-frequency output pulse rate.
7
00111
I
Instantaneous Current Register (last current value)
8
01000
V
Instantaneous Voltage Register (last voltage value)
9
01001
P
Instantaneous Power Register (Last Power value)
10
01010
PAvg
Average Power Register (avg. power over last computation cycle)
11
01011
IRMS
RMS Current Register (RMS value over last comp. cycle)
12
01100
VRMS
RMS Voltage Register (RMS value over last comp. cycle)
13
01101
TBC
Timebase Calibration Register
14
01110
Poff
Power Offset Calibration Register
15
01111
Status
Status Register (Write of ‘1’ to status bit will clear the bit.)
16
10000
IACoff
AC (RMS) Current Offset Register
17
10001
VACoff
AC (RMS) Voltage Offset Register
18
10010
PulseRateF
Sets the FOUT power-to-frequency output pulse rate.
19
10011
T
Temperature Register
20
10100
Res
Reserved †
21
10101
PW
Pulse width register for mechanical counter output mode
22
10110
Res
Reserved †
23
10111
VSAGLevel
Voltage Sag Level Threshold Register.
24
11000
VSAGDuration
Voltage Sag Duration Register.
25
11001
Res
Reserved †
26
11010
Mask
Mask Register
27
11011
Res
Reserved †
28
11100
Ctrl
Control Register
29
11101
Res
Reserved †
30
11110
Res
Reserved †
31
11111
Res
Reserved †
† These registers are for internal use only. For proper device operation, the user must not attempt to write
to these registers.
B7
B6
B5
B4
B3
B2
B1
B0
0W/R
RA4
RA3
RA2
RA1
RA0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com