Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 33Page - Cirrus Logic CS5461 Datasheet HTML 34Page - Cirrus Logic CS5461 Datasheet HTML 35Page - Cirrus Logic CS5461 Datasheet HTML 36Page - Cirrus Logic CS5461 Datasheet HTML 37Page - Cirrus Logic CS5461 Datasheet HTML 38Page - Cirrus Logic CS5461 Datasheet HTML 39Page - Cirrus Logic CS5461 Datasheet HTML 40Page - Cirrus Logic CS5461 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
CS5461
DS546F2
37
CRDY
Conversion Ready. Indicates a new conversion is ready. This will occur at the output word rate.
VOR
Voltage Out of Range.
VSAG
Indicates that the voltage threshold/duration conditions, specified in the VSAGlevel
and VSAGduration Registers, have been met.
VROR
RMS Voltage Out of Range. Set when the calibrated RMS voltage value is too large to fit in the
RMS Voltage Register.
IROR
RMS Current Out of Range. Set when the calibrated RMS current value is too large to fit in the
RMS Current Register.
EOOR
EOUT Energy Summation Register Out of Range. Assertion of this bit can be caused by having
a pulse output frequency that is too small for the power being measured. This problem can be
corrected by specifying a higher frequency in the PulseRateE register.
VOD
Modulator oscillation detect on the voltage channel. Set when the modulator oscillates due to
an input above Full Scale. Note that the level at which the modulator oscillates is significantly
higher than the voltage channel’s Differential Input Voltage Range.
IOD
Modulator oscillation detect on the current channel. Set when the modulator oscillates due to
an input above Full Scale. Note that the level at which the modulator oscillates is significantly
higher than the current channel’s Differential Input Voltage Range.
Note:
The IOD and VOD bits may be ‘falsely’ triggered by very brief voltage spikes from the
power line. This event should not be confused with a DC overload situation at the
inputs, when the IOD and VOD bits will re-assert themselves even after being
cleared, multiple times.
LSD
Low Supply Detect. Set when the voltage at the PFMON pin falls below the low-voltage thresh-
old (PMLO), with respect to VA- pin. For a given part, PMLO can be as low as 2.3 V. LSD bit
cannot be permanently reset until the voltage at PFMON pin rises back above the high-voltage
threshold (PMHI), which is typically 100 mV above the device’s low-voltage threshold. PMHI will
never be greater than 2.7 V.
IC
Invalid Command. Normally logic 1. Set to logic 0 if the host interface is strobed with an 8-bit
word that is not recognized as one of the valid commands (see Section 6.1, Commands).
7.11 AC Current Offset Register and AC Voltage Offset Register
Address:
16 (AC Current Offset Register); 17 (AC Voltage Offset Register)
Default** = 0x000000
The AC Offset Registers are initialized to zero on reset, allowing for uncalibrated normal operation. When AC
Offset Calibration is performed, the offset register(s) is updated with the square of the system AC offset value.
This sequence lasts ~(6N + 30) A/D conversion cycles (where N is the value of the Cycle-Count Register).
DRDY will be asserted at the end of the calibration. The register value may be read and stored for future system
offset compensation.
MSB
LSB
2-1
2-2
2-3
2-4
2-5
2-6
2-7
2-8
.....
2-18
2-19
2-20
2-21
2-22
2-23
2-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com