Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 22Page - Cirrus Logic CS5461 Datasheet HTML 23Page - Cirrus Logic CS5461 Datasheet HTML 24Page - Cirrus Logic CS5461 Datasheet HTML 25Page - Cirrus Logic CS5461 Datasheet HTML 26Page - Cirrus Logic CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
CS5461
26
DS546F2
From this equation the value of ‘PR’ is shown as:
Therefore the Pulse-Rate Register is set to
~420.875 Hz, or 0x00349C.
EXAMPLE #2: The required number of pulses per
unit energy present at EOUT is specified to be
500 pulses/kW-hr; given that the maximum
line-voltage is 250 V (RMS) and the maximum
line-current is 20 A (RMS). In such a situation, the
nominal line voltage and current do not determine
the appropriate pulse-rate setting. Instead, the max-
imum line levels must be considered. As before, the
given maximum line-voltage and line-current lev-
els are used to determine KV and KI:
KV = 150 mV / 250 V = 0.0006
KI = 150 mV / 20 A = 0.0075
Ω
Again the sensor gains are calculated such that the
maximum line-voltage and line-current levels will
measure as 0.6 in the RMS Voltage Register and
RMS Current Register.
With voltage and current channel input ranges set
to 10x, the required Pulse-Rate Register setting is
determined using the following equation:
Therefore PR = ~1.929 Hz.
Note that the Pulse-Rate Register cannot be set to a
frequency of exactly 1.929 Hz. The closest setting
that the Pulse-Rate Register can obtain is
0x00003E = 1.9375 Hz. To improve the accuracy,
either gain register can be programmed to correct
for the round-off error in PR. This value would be
calculated as
When MCLK/K is not equal to 4.096 MHz, the re-
sult for ‘PR’ that is calculated for the Pulse-Rate
Register must be scaled by a correction factor of:
4.096 MHz / (MCLK/K).
For
MCLK/K
of
3.05856 MHz the result is scaled by 4.096/3.05856
to get a final PR result of ~2.583 Hz.
5.6 Auto-Boot Mode Using EEPROM
When the CS5461 MODE pin is left unconnected,
the CS5461 is in normal operating mode, called
host mode. When this pin is set to logic high, the
CS5461 auto-boot mode is enabled. In auto-boot
mode, the CS5461 is configured to request a mem-
ory download from an external serial EEPROM.
Auto-Boot mode allows the CS5461 to operate
without the need for a microcontroller.
5.6.1 Auto-Boot Configuration
Figure 13 shows the typical connections between
the CS5461 and a serial EEPROM for proper au-
to-boot operation. In this mode, CS and SCLK are
driven outputs. During the auto-boot sequence, the
CS5461 drives CS low, provides a clock output on
SCLK, and drives out-commands on SDO. It re-
ceives the EEPROM data on SDI. The serial EE-
PROM
must
be
programmed
with
the
user-specified commands and register data that will
be used by the CS5461 to change any of the default
register values and begin conversions.
PR
IR
VVnom
250mV
------------------
VInom
250mV
------------------
×
--------------------------------------------
100Hz
132mV
250mV
------------------ 112.5mV
250mV
-----------------------
×
------------------------------------------------
==
PR
500
pulses
kW hr
⋅
------------------
1hr
3600s
--------------
1kW
1000W
------------------ 250mV
KV
------------------ 250mV
KI
------------------
⋅⋅
⋅
⋅
=
Ign or Vgn
PR
1.929
------------- 1.00441
≅
0x404830
==
CS5461
EEPROM
/EOUT
/EDIR
MODE
SCK
SDI
SDO
/CS
SCK
SO
SI
/CS
Connector to Calibrator
VD+
5 K
5 K
Mech. Counter
Stepper Motor
or
Figure 13. Typical Interface of EEPROM to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com