Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CS5461 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS5461
Description  Single Phase Bi-Directional Power/Energy IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS5461 Datasheet HTML 23Page - Cirrus Logic CS5461 Datasheet HTML 24Page - Cirrus Logic CS5461 Datasheet HTML 25Page - Cirrus Logic CS5461 Datasheet HTML 26Page - Cirrus Logic CS5461 Datasheet HTML 27Page - Cirrus Logic CS5461 Datasheet HTML 28Page - Cirrus Logic CS5461 Datasheet HTML 29Page - Cirrus Logic CS5461 Datasheet HTML 30Page - Cirrus Logic CS5461 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
CS5461
DS546F2
27
Figure 13 also shows the external connections that
would be made to a calibrator device, such as a PC
or custom calibration board. When the metering
system is installed, the calibrator would be used to
control calibration and/or to program user-speci-
fied commands and calibration values into the EE-
PROM. The user-specified commands/data will
determine the CS5461’s exact operation, when the
auto-boot initialization sequence is running. Any of
the valid commands can be used.
5.6.2 Auto-Boot Data for EEPROM
Below is an example code set for an auto-boot se-
quence. This code is written into the EEPROM by
the user. The serial data for such a sequence is
shown below in single-byte hexidecimal notation:
40 00 00 61
;In Configuration Register,
turn high-pass filters on, set
K=1.
44 7F C4 A9
;Write value of 0x7FC4A9 to
Current Gain Register.
46 7F B2 53
;Write value of 0xFFB253 to
DC Voltage Offset Register.
4C 00 00 14
;Set PulseRateE Register to
0.625 Hz.
74 00 00 04
;Unmask bit #2 (“LSD” bit in
the Mask Register).
E8
;Start continuous conversions
78 00 01 40
;Write STOP bit to Control
Register, to terminate au-
to-boot
initialization
se-
quence, and set the EOUT
pulse output to Mechanical
Counter Format.
5.6.3 Which EEPROMs Can Be Used?
Several industry-standard serial EEPROMs that
will successfully run auto-boot with the CS5461
are listed below:
•
Atmel
AT25010
AT25020
AT25040
•
National Semiconductor
NM25C040M8
NM25020M8
•
Xicor
X25040SI
These types of serial EEPROMs expect a specific
8-bit command word (00000011) in order to per-
form a memory download. The CS5461 has been
hardware programmed to transmit this 8-bit com-
mand word to the EEPROM at the beginning of the
auto-boot sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com