Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 7 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 7 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 3Page - fujitsu semiconductor MB90F337 Datasheet HTML 4Page - fujitsu semiconductor MB90F337 Datasheet HTML 5Page - fujitsu semiconductor MB90F337 Datasheet HTML 6Page - fujitsu semiconductor MB90F337 Datasheet HTML 7Page - fujitsu semiconductor MB90F337 Datasheet HTML 8Page - fujitsu semiconductor MB90F337 Datasheet HTML 9Page - fujitsu semiconductor MB90F337 Datasheet HTML 10Page - fujitsu semiconductor MB90F337 Datasheet HTML 11Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MB90335 Series
DS07-13735-6E
7
(Continued)
* : For circuit information, refer to “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
Circuit
type*
Status at
reset/
function
Function
54, 55
P60, P61
C
Port input
(Hi-Z)
General purpose input/output port (withstand voltage of 5 V) .
INT0, INT1
Functions as the input pin for external interrupt ch.0 and ch.1.
56
P62
C
General purpose input/output port (withstand voltage of 5 V) .
INT2
Functions as the input pin for external interrupt ch.2.
SIN
Data input pin for extended I/O serial interface.
57
P63
C
General purpose input/output port (withstand voltage of 5 V) .
INT3
Functions as the input pin for external interrupt ch.3.
SOT
Data output pin for extended I/O serial interface.
58
P64
C
General purpose input/output port (withstand voltage of 5 V) .
INT4
Functions as the input pin for external interrupt ch.4.
SCK
Clock I/O pin for extended I/O serial interface.
59
P65
C
General purpose input/output port (withstand voltage of 5 V) .
INT5
Functions as the input pin for external interrupt ch.5.
PWC
Functions as the PWC input pin.
60
P66
C
General purpose input/output port (withstand voltage of 5 V) .
INT6
Functions as the input pin for external interrupt ch.6.
SCL0
Functions as the input/output pin for I2C interface clock. The port
output must be placed in Hi-Z state during I2C interface
operation.
61
P67
C
General purpose input/output port (withstand voltage of 5 V) .
INT7
Functions as the input pin for external interrupt ch.7.
SDA0
Functions as the I2C interface data input/output pin. The port out-
put must be placed in Hi-Z state during I2C interface operation.
1
UTEST
C
UTEST
input
USB test pin.
Connect this to a pull-down resistor during normal usage.
3DVM
J
USB input
(SUSPEND)
USB function D
− pin.
4
DVP
J
USB function D
+ pin.
7
HVM
J
USB HOST D
− pin.
8
HVP
J
USB HOST D
+ pin.
10
HCON
E
High output External pull-up resistor connection pin.
21, 22
MD1, MD0
B
Mode input
Input pin for selecting operation mode.
20
MD2
G
5, 9, 49
Vcc
⎯
Power
supply
Power supply pin.
2, 6,
19, 48
Vss
Power supply pin (GND).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com