Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 16 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 16 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 12Page - fujitsu semiconductor MB90F337 Datasheet HTML 13Page - fujitsu semiconductor MB90F337 Datasheet HTML 14Page - fujitsu semiconductor MB90F337 Datasheet HTML 15Page - fujitsu semiconductor MB90F337 Datasheet HTML 16Page - fujitsu semiconductor MB90F337 Datasheet HTML 17Page - fujitsu semiconductor MB90F337 Datasheet HTML 18Page - fujitsu semiconductor MB90F337 Datasheet HTML 19Page - fujitsu semiconductor MB90F337 Datasheet HTML 20Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
MB90335 Series
16
DS07-13735-6E
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
00002AH
UTRLR1
UART Prescaler Reload Register 1
R/W
Communication
Prescaler (UART1)
0 0 0 0 0 0 0 0B
00002BH
UTCR1
UART Prescaler Control Register 1
R/W
0 0 0 0 - 0 0 0B
00002CH
to
00003BH
Prohibited
00003CH
ENIR
DTP/Interrupt Enable Register
R/W
DTP/External
interrupt
0 0 0 0 0 0 0 0B
00003DH
EIRR
DTP/Interrupt source Register
R/W
0 0 0 0 0 0 0 0B
00003EH
ELVR
Request Level Setting Register Lower
R/W
0 0 0 0 0 0 0 0B
00003FH
Request Level Setting Register Upper
R/W
0 0 0 0 0 0 0 0B
000040H
to
000045H
Prohibited
000046H
PPGC0
PPG0 Operation Mode Control Register
R/W
PPG ch.0
0X0 0 0XX1B
000047H
PPGC1
PPG1 Operation Mode Control Register
R/W
PPG ch.1
0X0 0 0 0 0 1B
000048H
PPGC2
PPG2 Operation Mode Control Register
R/W
PPG ch.2
0X0 0 0XX1B
000049H
PPGC3
PPG3 Operation Mode Control Register
R/W
PPG ch.3
0X0 0 0 0 0 1B
00004AH
Prohibited
00004BH
00004CH
PPG01
PPG0 and PPG1 Output Control Register
R/W
PPG ch.0/ch.1
0 0 0 0 0 0XXB
00004DH
Prohibited
00004EH
PPG23
PPG2 and PPG3 Output Control Register
R/W
PPG ch.2/ch.3
0 0 0 0 0 0 XXB
00004FH
to
000057H
Prohibited
000058H
SMCS
Serial Mode Control Status Register
R/W
Extended Serial
I/O
XXXX0 0 0 0B
000059H
0 0 0 0 0 0 1 0B
00005AH
SDR
Serial Data Register
R/W
XXXXXXXXB
00005BH
SDCR
Communication Prescaler Control
Register
R/W
Communication
Prescaler
0XXX0 0 0 0B
00005CH
PWCSR
PWC Control Status Register
R/W
16-bit
PWC Timer
0 0 0 0 0 0 0 0B
00005DH
0 0 0 0 0 0 0 XB
00005EH
PWCR
PWC Data Buffer Register
R/W
0 0 0 0 0 0 0 0B
00005FH
0 0 0 0 0 0 0 0B
000060H
DIVR
PWC Dividing Ratio Control Register
R/W
- - - - - - 0 0B
000061H
Prohibited
000062H
TMCSR0
Timer Control Status Register
R/W
16-bit Reload
Timer
0 0 0 0 0 0 0 0B
000063H
XXXX 0 0 0 0B
000064H
TMR0
16-bit Timer Register Lower
R
XXXXXXXXB
TMRLR0
16-bit Reload Register Lower
W
XXXXXXXXB
000065H
TMR0
16-bit Timer Register Upper
R
XXXXXXXXB
TMRLR0
16-bit Reload Register Upper
W
XXXXXXXXB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com