Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 20Page - fujitsu semiconductor MB90F337 Datasheet HTML 21Page - fujitsu semiconductor MB90F337 Datasheet HTML 22Page - fujitsu semiconductor MB90F337 Datasheet HTML 23Page - fujitsu semiconductor MB90F337 Datasheet HTML 24Page - fujitsu semiconductor MB90F337 Datasheet HTML 25Page - fujitsu semiconductor MB90F337 Datasheet HTML 26Page - fujitsu semiconductor MB90F337 Datasheet HTML 27Page - fujitsu semiconductor MB90F337 Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
MB90335 Series
24
DS07-13735-6E
■ USB
1.
USB Function
The USB function is an interface supporting the USB (Universal Serial Bus) communications protocol.
Features of USB function
• Supports USB Full Speed
• Supports full speed (12 Mbps).
• The device status is auto-answer.
• Bit stripping, bit stuffing, and automatic generation and check of CRC5 and CRC16.
• Toggle check by data synchronization bit.
• Automatic response to all standard commands except Get/SetDescriptor and SynchFrame commands (these
three commands can be processed the same way as the class vendor commands).
• The class vendor commands can be received as data and responded via firmware.
• Supports up to a maximum of six EndPoints (EndPoint0 is fixed to control transfer).
• Two built-in transfer data buffers for each end point (one IN buffer and one OUT buffer for end point 0).
• Supports automatic transfer mode for transfer data via DMA (except buffers for EndPoint0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com