Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 11 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 11 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 7Page - fujitsu semiconductor MB90F337 Datasheet HTML 8Page - fujitsu semiconductor MB90F337 Datasheet HTML 9Page - fujitsu semiconductor MB90F337 Datasheet HTML 10Page - fujitsu semiconductor MB90F337 Datasheet HTML 11Page - fujitsu semiconductor MB90F337 Datasheet HTML 12Page - fujitsu semiconductor MB90F337 Datasheet HTML 13Page - fujitsu semiconductor MB90F337 Datasheet HTML 14Page - fujitsu semiconductor MB90F337 Datasheet HTML 15Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MB90335 Series
DS07-13735-6E
11
7.
Stabilization of supply voltage
A sudden change in the supply voltage may cause the device to malfunction even within the VCC supply voltage
operating range. For stabilization reference, the supply voltage should be stabilized so that VCC ripple variations
(peak-to-peak value) at commercial frequencies (50 MHz to 60 MHz) fall below 10
% of the standard VCC supply
voltage and the transient regulation does not exceed 0.1 V/ms at temporary changes such as power supply
switching.
8.
Writing to flash memory
For serial writing to flash memory, always make sure that the operating voltage VCC is between 3.13 V and 3.6 V.
For normal writing to flash memory, always make sure that the operating voltage VCC is between 3.0 V and 3.6 V.
9.
Serial communication
There is a possibility to receive wrong data due to noise or other causes on the serial communication. Therefore,
design a printed circuit board so as to avoid noise.
Consider receiving of wrong data when designing the system. For example, apply a checksum to detect an error.
If an error is detected, retransmit the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com