Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 2 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 2 Page - fujitsu semiconductor

  MB90F337 Datasheet HTML 1Page - fujitsu semiconductor MB90F337 Datasheet HTML 2Page - fujitsu semiconductor MB90F337 Datasheet HTML 3Page - fujitsu semiconductor MB90F337 Datasheet HTML 4Page - fujitsu semiconductor MB90F337 Datasheet HTML 5Page - fujitsu semiconductor MB90F337 Datasheet HTML 6Page - fujitsu semiconductor MB90F337 Datasheet HTML 7Page - fujitsu semiconductor MB90F337 Datasheet HTML 8Page - fujitsu semiconductor MB90F337 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
MB90335 Series
2
DS07-13735-6E
• Instruction system
• Data types: Bit, Byte, Word, Long word
• Addressing mode (23 types)
• Enhanced high-precision computing with 32-bit accumulator
• Enhanced Multiply/Divide instructions with sign and the RETI instruction
• Instruction system compatible with high-level language (C language) and multi-task
• Employing system stack pointer
• Instruction set symmetry and barrel shift instructions
• Program Patch Function (2 address pointer)
• 4-byte instruction queue
• Interrupt function
• Priority levels are programmable
• 20 interrupts function
• Data transfer function
• Extended intelligent I/O service function (EI2OS) : Maximum of 16 channels
•
μDMAC : Maximum 16 channels
• Low Power Consumption Mode
• Sleep mode (with the CPU operating clock stopped)
• Time-base timer mode (with the oscillator clock and time-base timer operating)
• Stop mode (with the oscillator clock stopped)
• CPU intermittent operation mode (with the CPU operating at fixed intervals of set cycles)
• Package
• LQFP-64P (FPT-64P-M23 : 0.65 mm pin pitch)
• Process : CMOS technology
• Operation guaranteed temperature: − 40 °C to + 85 °C (0 °C to + 70 °C when USB is in use)
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com