Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 30 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 30 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 26Page - fujitsu semiconductor MB90F337 Datasheet HTML 27Page - fujitsu semiconductor MB90F337 Datasheet HTML 28Page - fujitsu semiconductor MB90F337 Datasheet HTML 29Page - fujitsu semiconductor MB90F337 Datasheet HTML 30Page - fujitsu semiconductor MB90F337 Datasheet HTML 31Page - fujitsu semiconductor MB90F337 Datasheet HTML 32Page - fujitsu semiconductor MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
MB90335 Series
30
DS07-13735-6E
3.
DC Characteristics
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Output “H”
voltage
VOH
Output pins other
than P60 to P67,
HVP, HVM, DVP,
DVM
IOH
= −4.0 mA
VCC
− 0.5
⎯
Vcc
V
HVP, HVM, DVP,
DVM
RL
= 15 kΩ ± 5%
2.8
⎯
3.6
V
Output “L”
voltage
VOL
Output pins other
than HVP, HVM, DVP,
DVM
IOL
= 4.0 mA
Vss
⎯ Vss + 0.4 V
HVP, HVM, DVP,
DVM
RL
= 1.5 kΩ ± 5%
0
⎯
0.3
V
Input leak
current
IIL
Input pins other than
P60 to P67, HVP,
HVM, DVP, DVM
VCC
= 3.3 V,
Vss < VI < VCC
− 10
⎯
+ 10
μA
HVP, HVM, DVP,
DVM
⎯− 5
⎯
+ 5
μA
Pull-up
resistance
RPULL
P00 to P07,
P10 to P17
VCC
= 3.3 V,
TA
= + 25 °C
25
50
100
k
Ω
Open drain
output leak
current
ILIOD
P60 to P67
⎯⎯
0.1
10
μA
Power
supply
current
ICC
VCC
VCC
= 3.3 V,
Internal frequency 24 MHz,
At normal operating
At USB operating
(USTP
= 0)
⎯
55
65
mA MB90F337
⎯
50
60
mA MB90337
VCC
= 3.3 V,
Internal frequency 24 MHz,
At normal operating
At non-operating USB
(USTP
= 1)
⎯
50
60
mA MB90F337
⎯
45
55
mA MB90337
ICCS
VCC
= 3.3 V,
Internal frequency 24 MHz,
At sleep mode
⎯
25
40
mA
ICTS
VCC
= 3.3 V,
Internal frequency 24 MHz,
At timer mode
⎯
3.5
10
mA
VCC
= 3.3 V,
Internal frequency 3 MHz,
At timer mode
⎯
1.0
2.0
mA
ICCH
TA
= +25 °C,
At stop mode
⎯
140
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com