Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 27 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 27 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 23Page - fujitsu semiconductor MB90F337 Datasheet HTML 24Page - fujitsu semiconductor MB90F337 Datasheet HTML 25Page - fujitsu semiconductor MB90F337 Datasheet HTML 26Page - fujitsu semiconductor MB90F337 Datasheet HTML 27Page - fujitsu semiconductor MB90F337 Datasheet HTML 28Page - fujitsu semiconductor MB90F337 Datasheet HTML 29Page - fujitsu semiconductor MB90F337 Datasheet HTML 30Page - fujitsu semiconductor MB90F337 Datasheet HTML 31Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
MB90335 Series
DS07-13735-6E
27
■ ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
*1 : The parameter is based on VSS
= 0.0 V.
*2 : VI and VO must not exceed VCC
+ 0.3 V. However, if the maximum current to/from an input is limited by some
means with external components, the ICLAMP rating supersedes the VI rating.
*3 : Applicable to pins : P60 to P67, UTEST
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage*1
VCC
VSS
− 0.3
VSS
+ 4.0
V
Input voltage*1
VI
VSS
− 0.3
VSS
+ 4.0
V
*2
VSS
− 0.3
VSS
+ 6.0
V
N-ch open-drain
(Withstand voltage I/O of 5 V)*3
− 0.5
VSS
+ 4.5
V
USB I/O
Output voltage*1
VO
VSS
− 0.3
VSS
+ 4.0
V
*2
− 0.5
VSS
+ 4.5
V
USB I/O
Maximum clamp current
ICLAMP
− 2.0
+2.0
mA
*4
Total maximum clamp
current
Σ⏐ICLAMP⏐⎯
20
mA
*4
“L” level maximum output
current
IOL1
⎯
10
mA
Other than USB I/O*5
IOL2
⎯
43
mA
USB I/O*5
“L” level average output
current
IOLAV1
⎯
4mA
*6
IOLAV2
⎯
15/4.5
mA
USB-IO
(Full speed/Low speed) *6
“L” level maximum total
output current
ΣIOL
⎯
100
mA
“L” level average total
output current
ΣIOLAV
⎯
50
mA
*7
“H” level maximum output
current
IOH1
⎯
− 10
mA
Other than USB I/O*5
IOH2
⎯
− 43
mA
USB I/O*5
“H” level average output
current
IOHAV1
⎯
− 4mA
*6
IOHAV2
⎯−15/−4.5
mA
USB-IO
(Full speed/Low speed) *6
“H” level maximum total
output current
ΣIOH
⎯
− 100
mA
“H” level average total
output current
ΣIOHAV
⎯
− 50
mA
*7
Power consumption
Pd
⎯
270
mW
Operating temperature
TA
− 40
+ 85
°C
Storage temperature
Tstg
− 55
+ 150
°C
− 55
+ 125
°C
USB I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com