Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 13Page - fujitsu semiconductor MB90F337 Datasheet HTML 14Page - fujitsu semiconductor MB90F337 Datasheet HTML 15Page - fujitsu semiconductor MB90F337 Datasheet HTML 16Page - fujitsu semiconductor MB90F337 Datasheet HTML 17Page - fujitsu semiconductor MB90F337 Datasheet HTML 18Page - fujitsu semiconductor MB90F337 Datasheet HTML 19Page - fujitsu semiconductor MB90F337 Datasheet HTML 20Page - fujitsu semiconductor MB90F337 Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
MB90335 Series
DS07-13735-6E
17
(Continued)
Address
Register
abbreviation
Register
Read/
Write
Resource name
Initial Value
000066H
to
00006EH
Prohibited
00006FH
ROMM
ROM Mirroring Function Selection
Register
W
ROM Mirror
Function
Selection Module
- - - - - - 1 1B
000070H
IBSR0
I2C Bus Status Register
R
I2C Bus Interface
0 0 0 0 0 0 0 0B
000071H
IBCR0
I2C Bus Control Register
R/W
0 0 0 0 0 0 0 0B
000072H
ICCR0
I2C Bus Clock Control Register
R/W
XX 0 XXXXXB
000073H
IADR0
I2C Bus Address Register
R/W
XXXXXXXXB
000074H
IDAR0
I2C Bus Data Register
R/W
XXXXXXXXB
000075H
to
00009AH
Prohibited
00009BH
DCSR
DMA Descriptor Channel Specification
Register
R/W
μDMAC
0 0 0 0 0 0 0 0B
00009CH
DSRL
DMA Status Register Lower
R/W
0 0 0 0 0 0 0 0B
00009DH
DSRH
DMA Status Register Upper
R/W
0 0 0 0 0 0 0 0B
00009EH
PACSR
Program Address Detection Control
Status Register
R/W
Address Match
Detection
0 0 0 0 0 0 0 0B
00009FH
DIRR
Delayed Interrupt Source generate/
release Register
R/W
Delayed Interrupt
- - - - - - - 0B
0000A0H
LPMCR
Low Power Consumption Mode Control
Register
R/W
Low Power
Consumption
control circuit
0 0 0 1 1 0 0 0B
0000A1H
CKSCR
Clock Selection Register
R/W
Clock
1 1 1 1 1 1 0 0B
0000A2H
Prohibited
0000A3H
0000A4H
DSSR
DMA Stop Status Register
R/W
μDMAC
0 0 0 0 0 0 0 0B
0000A5H
to
0000A7H
Prohibited
0000A8H
WDTC
Watchdog Timer Control Register
R/W
Watchdog Timer X - XXX 1 1 1B
0000A9H
TBTC
Time-base Timer Control Register
R/W
Time-base Timer 1 - - 0 0 1 0 0B
0000AAH
Prohibited
0000ABH
0000ACH
DERL
DMA Enable Register Lower
R/W
μDMAC
0 0 0 0 0 0 0 0B
0000ADH
DERH
DMA Enable Register Upper
R/W
0 0 0 0 0 0 0 0B
0000AEH
FMCS
Flash Memory Control Status Register
R/W
Flash Memory I/F 0 0 0 X 0 0 0 0B
0000AFH
Prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com