Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MB90F337 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB90F337
Description  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F337 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB90F337 Datasheet HTML 1Page - fujitsu semiconductor MB90F337 Datasheet HTML 2Page - fujitsu semiconductor MB90F337 Datasheet HTML 3Page - fujitsu semiconductor MB90F337 Datasheet HTML 4Page - fujitsu semiconductor MB90F337 Datasheet HTML 5Page - fujitsu semiconductor MB90F337 Datasheet HTML 6Page - fujitsu semiconductor MB90F337 Datasheet HTML 7Page - fujitsu semiconductor MB90F337 Datasheet HTML 8Page - fujitsu semiconductor MB90F337 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MB90335 Series
DS07-13735-6E
3
(Continued)
• Internal peripheral function (resource)
• I/O port : Max 45 ports
• Time-base timer : 1channel
• Watchdog timer : 1 channel
• 16-bit reload timer : 1 channel
• Multi-functional timer
• 8/16-bit PPG timer (8-bit
× 4 channels or 16-bit × 2 channels) the period and duty of the output pulse are
freely programmable.
• 16-bit PWC timer : 1 channel
Timer function and pulse width measurement function
• UART: 2 channels
• Equipped with a full duplex (8-bit long) double buffer
• Selectable asynchronous transfer or clock-synchronous serial (extended I/O serial) transfer.
• Extended I/O serial interface : 1 channel
• DTP/External interrupt circuit (8 channels)
• Activate the extended intelligent I/O service by external interrupt input
• Interrupt output by external interrupt input
• Delayed interrupt output module
• Outputs an interrupt request for task switching
• USB: 1 channel
• USB function (supports USB Full Speed)
• Supports Full Speed/Up to 6 endpoints can be specified.
• Dual port RAM (supports FIFO mode).
• Transfer type: Control, Interrupt, Bulk or Isochronous transfer possible
• USB HOST function
•I2C Interface: 1 channel
• Supports Intel SM bus standards and Phillips I2C bus standards
• Two-wire data transfer protocol specification
• Master and slave transmission/reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com