Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 39Page - NXP Semiconductors PCF88331 Datasheet HTML 40Page - NXP Semiconductors PCF88331 Datasheet HTML 41Page - NXP Semiconductors PCF88331 Datasheet HTML 42Page - NXP Semiconductors PCF88331 Datasheet HTML 43Page - NXP Semiconductors PCF88331 Datasheet HTML 44Page - NXP Semiconductors PCF88331 Datasheet HTML 45Page - NXP Semiconductors PCF88331 Datasheet HTML 46Page - NXP Semiconductors PCF88331 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 112 page
background image
2003 Feb 14
43
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.27
MEMORY DATA ACCESS CONTROL
The display data RAM access conditions can be defined by using the Memory data access control (MADCTL) command.
The used single control bits together with their reset states are given in Table 41.
Table 40 Memory data access control register bits
Note
1. Refer to Section 6.2.24.4 for an explanation of LAO on scroll modes and to Section 6.2.23 for an explanation of LAO
on Partial mode.
Table 41 Explanation of the memory data access control bits
The relationship between RAM and display for the MX, MY, RGB and LAO control bits is illustrated Fig.22.
Combinations of MX, MY and V are described in more detail in Section 7.2.
D/C
76543210
DEFAULT
000110110
36H
1
MY
MX
V
LAO(1)
RGB
X
X
X
00H
BIT
LOGIC 0 (RESET STATE)
LOGIC 1
MY
no mirror Y
mirror Y
MX
no mirror X
mirror X
V
RAM write in X direction
vertical RAM write; in Y direction
LAO
line address order (top to bottom)
line address order (bottom to top)
RGB
RGB
BGR
handbook, full pagewidth
MGU931
D7 = 1
D7 = 0
131
0
1
2
0
1
2
0
1
2
0
1
2
131
D6 = 0
D6 = 1
131
012
column address
RAM
0,0
0
1
2
131
D3 = 1:BGR
D3 = 0:RGB
column drivers
D4 = 1
D4 = 0
131
131
DISPLAY
interface
Fig.22 Display data RAM access control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com