Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 82 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 82 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 78Page - NXP Semiconductors PCF88331 Datasheet HTML 79Page - NXP Semiconductors PCF88331 Datasheet HTML 80Page - NXP Semiconductors PCF88331 Datasheet HTML 81Page - NXP Semiconductors PCF88331 Datasheet HTML 82Page - NXP Semiconductors PCF88331 Datasheet HTML 83Page - NXP Semiconductors PCF88331 Datasheet HTML 84Page - NXP Semiconductors PCF88331 Datasheet HTML 85Page - NXP Semiconductors PCF88331 Datasheet HTML 86Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 112 page
background image
2003 Feb 14
82
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
15 MODULE MAKER PROGRAMMING
The One Time Programmable (OTP) technology has been
implemented in the PCF8833. It enables the module
maker to perform an LCD supply voltage calibration after it
has been assembled on an LCD module. The module
maker can also pre-define command set registers in order
to provide the setmaker with a ‘plug and play’ module
where only display related data has to be sent.
The PCF8833 features the following module maker
programming facilities:
• VLCD calibration
• Multiplication factor S[1:0] to FS[1:0] for full Display
mode and PS[1:0]) for partial Display mode
• Set VPR[8:0] to FVPR[8:0] for full Display mode and
PVPR[8:0] for partial Display mode
• Set bias system VB[3:0] to FVB[3:0] for full Display
mode and PVB[3:0] for partial Display mode
• Segmented temperature compensation slopes for VLCD,
SLA [2:0], SLB[2:0], SLC[2:0] and SLD[2:0]
• Segmented temperature frame frequencies DFA[6:0],
DFB[6:0], DFC[6:0] and DFD[6:0]
• Frame frequency 8-colour mode DF8[6:0]
• Identification bits ID2[7:0] and ID3[7:0]
• TRS and BRS
• Factory default bit EFD
• Seal bit.
15.1
VLCD calibration
The first feature included is the ability to adjust the VLCD
voltage with a 6-bit code (MMVOPCAL). This code is
implemented in twos complement notation giving rise to a
positive or negative offset to the VPR register. The adder in
the circuit has underflow and overflow protection. In the
event of an overflow, the output will be clamped to
VOP = 445; during an underflow the output will be clamped
to 0.
Figure 55 illustrates how the high voltage generator setting
VOP is controlled. Compared to equation (1) in
Section 6.2.31, Fig.55 also takes the temperature
compensation VT into account (see Section 6.2.40), which
is reflected in the following equation:
VLCD =a+(VT[7:0] + MMVOPCAL[5:0] +
VCON[6:0] + VPR[8:0]) × b
handbook, full pagewidth
MGU971
Temperature compensation VT, 8-bit value
VT[7:0]
VOP
range
−128 to +127
range
−64 to +63
range
−32 to +31
range 0 to 445
usable range 5 to 410
range 0 to 445
to high voltage
generator
OTP VLCD calibration, 6-bit offset
MMVOPCAL[5:0]
VPR register, 9-bit value
VCON register, 7-bit
VPR[8:0]
+
VCON[6:0]
Fig.55 VLCD calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com