Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 78 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 74Page - NXP Semiconductors PCF88331 Datasheet HTML 75Page - NXP Semiconductors PCF88331 Datasheet HTML 76Page - NXP Semiconductors PCF88331 Datasheet HTML 77Page - NXP Semiconductors PCF88331 Datasheet HTML 78Page - NXP Semiconductors PCF88331 Datasheet HTML 79Page - NXP Semiconductors PCF88331 Datasheet HTML 80Page - NXP Semiconductors PCF88331 Datasheet HTML 81Page - NXP Semiconductors PCF88331 Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 112 page
background image
2003 Feb 14
78
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Notes
1. VDD2 and VDD3 always have to be larger than or equal to VDD1.
2. Not directly observable at any pin.
3. After calibration the following fosc can be expected at 25 °C: 600 kHz ±4%; at different temperatures an additional
variation of +0.12%/
°C will not be exceeded.
4. All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to
VIL and VIH with an input voltage swing of VSS1 to VDD1.
5. The initialization incorporates the start-up of the internal circuitry including the readout of the OTP cells. The start-up
time for the internal voltage generation is not included.
6. The input signal rise time and fall time (tr and tf) are specified at 15 ns or less. When the cycle time is used at high
speed, the specification is tr +tf ≤ (tCYC − tCCLW − tCCHW) or tr +tf ≤ (tCYC – tCCLR − tCCHR).
7. CS can be permanently tied LOW.
8. The output disable time and read access time is applicable after the second read cycle (see Fig.40).
9. For VDD1 = 1.8 V possible variation of tOH is between 40 and 80 ns for a temperature range of −40 to +85 °C.
handbook, full pagewidth
MGU966
VDD1
VIL
VIH
VIL
VIH
VDD1
RES
RES
Status
resetting
normal operation
Status
resetting
normal operation
Interface:
commands/data
not accepted
accepted
not accepted
accepted
tRI
tRI
tRSS
tSU;RESL
tW(RESL)
tRT
tW(RESL)
tW(RESL)
tRT
Fig.50 Reset timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com