Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 87 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 87 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 83Page - NXP Semiconductors PCF88331 Datasheet HTML 84Page - NXP Semiconductors PCF88331 Datasheet HTML 85Page - NXP Semiconductors PCF88331 Datasheet HTML 86Page - NXP Semiconductors PCF88331 Datasheet HTML 87Page - NXP Semiconductors PCF88331 Datasheet HTML 88Page - NXP Semiconductors PCF88331 Datasheet HTML 89Page - NXP Semiconductors PCF88331 Datasheet HTML 90Page - NXP Semiconductors PCF88331 Datasheet HTML 91Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
2003 Feb 14
87
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
15.5
Interface commands
Table 94 contains a list of all OTP related commands.
Table 94 OTP related commands
Note
1. X = don’t care. For hexadecimal representation, don’t care bits are assumed to be 0.
NAME
D/C
COMMAND BYTE(1)
HEX
DESCRIPTION
D7
D6
D5
D4
D3
D2
D1
D0
CALMM
0
1
1
1
1
0
0
0
0
F0
CALMM command
1
X
X
ORA2 ORA1 ORA0
X
OPE
CALMM
entry CALMM mode
(CALMM) enable
programming (OPE) set
address (ORA)
Sleep_OUT
0
0
0
0
1
0
0
0
1
11
generate a refresh of the
OTP if CALMM = 0
OTPSHTIN
0
1
1
1
1
0
0
0
1
F1
start shifting data in the shift
register; the shifting is
executed as long as D/C=1
1X
D6
D5
D4
D3
D2
D1
D0
SFD
0
1
1
1
0
1
1
1
SFD
EE/EF set factory default (see
Sections 6.2.47 and 15.2)
15.5.1
CALIBRATION MODULE MAKER MODE
When CALMM = 1 the device enters the calibration
module maker mode. This mode enables the filling of the
OTP matrix and allows programming of the non-volatile
OTP cells to take place.
The VOTP(drain) pad is not connected directly to the OTP
cells, but through a switch that must be closed for
programming by setting OPE to logic 1.
The OTP row to be programmed may be chosen by setting
the OTP row address ORA[2:0].
15.5.2
REFRESH
The action of the refresh instruction is to force the registers
of the OTP matrix to load the value from the non-volatile
part of the OTP cell. This instruction takes up to 1 ms to
complete. During this time all other instructions may be
sent.
In the PCF8833 the refresh instruction is associated with
the Sleep_OUT instruction such that the shift register is
automatically refreshed every time the Sleep_OUT
instruction is sent.
No refresh may be started when in CALMM mode, i.e.
whenever CALMM = 1.
15.5.3
SHIFT IN
The OTP matrix (see Table 90) is filled using the
OTPSHTIN command, which is similar to the RAM write
command. First the appropriate command is sent, then the
following data bytes are shifted bytewise into the OTP
matrix from left to right, i.e. the new byte is loaded into
byte 0, whereas the data of byte 0 is shifted into byte 1 and
so on. Bit 7 of the data is not used. The shifting is enabled
as long as D/C remains at logic 1.
15.6
Suggestion on how to calibrate VLCD2 using
MMVOP
In order to calibrate the programming of VLCD2, the
sequence in Table 95 is suggested to determine what
MMVOP value has to be programmed.
It is assumed that the relevant parameters, the VLCD2
programming, VPR and the number of stages S, are set via
the interface. This implies that SFD is set to logic 0 and
that all OTP settings except MMVOP are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com