Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 41Page - NXP Semiconductors PCF88331 Datasheet HTML 42Page - NXP Semiconductors PCF88331 Datasheet HTML 43Page - NXP Semiconductors PCF88331 Datasheet HTML 44Page - NXP Semiconductors PCF88331 Datasheet HTML 45Page - NXP Semiconductors PCF88331 Datasheet HTML 46Page - NXP Semiconductors PCF88331 Datasheet HTML 47Page - NXP Semiconductors PCF88331 Datasheet HTML 48Page - NXP Semiconductors PCF88331 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 112 page
background image
2003 Feb 14
45
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 45 Interface formats
Notes
1. PCF8833 is switched into 256 colour mode,
256 colours are mapped to the 4 kbyte RAM with a
LUT; see Section 6.2.22.
2. PCF8833 is switched into 4 kbyte colour mode, which
is also the reset state.
3. PCF8833 is switched into 64 kbyte colour mode, which
is achieved by means of dithering.
6.2.31
SET VOP
The set VOP command (SETVOP) is used to program the
optimum LCD supply voltage VLCD.
The reset state of VPR[8:0] is 257DEC (13.88 V).
The optimum LCD supply voltage can be calculated as
explained in Section 6.2.43. The VOP value is programmed
via the VPR register. Besides the VPR register the VOP
value can be calibrated by means of OTP cells or changed
with the VCON register (see Fig.23).
The generated VLCD can be calculated with equation (1).
Figure 24 is the graphical equivalent to equation (1).
(1)
Where:
• a is a fixed constant value; see Table 47
• b is a fixed constant value; see Table 47
• VPR[8:0] is the programmed VOP value; the
programming range for VPR[8:0] is 5 to 410 (19AH)
• MMVOPCAL[5:0] is the value of the offset stored in the
OTP cells in twos complement format; see Section 15.1
• VCON[6:0] is the set contrast value which can be set via
the interface and is in twos complement format; see
Section 6.2.16.
The VOP[8:0] value must be in the VLCD programming
range as shown in Fig.24. Evaluating equation (1), values
outside of the programming range indicated in Fig.24 may
result. Calculated values below 0 will be mapped to
VOP = 0; resulting VOP values higher than 445 will be
mapped to VOP = 445. An overview of the complete
programming range of VLCD can be found in Section 15.1.
As the programming range for the internally generated
VLCD allows values above the maximum allowed VLCD
(20 V) the user has to ensure, while setting the VPR
register and selecting the temperature compensation, that
under all conditions and including all tolerances the VLCD
remains below 20 V.
P2
P1
P0
INTERFACE
FORMATS
0
0
0
no action
0
0
1
no action
0
1
0
8-bit/pixel(1)
0
1
1
12-bit/pixel(2)
1
0
0
no action
1
0
1
16-bit/pixel(3)
1
1
0
no action
1
1
1
no action
V
LCD
a
MMVOPCAL 5:0
[] VCON 6:0
[]
V
PR 8:0
[]
++
〉 b
×
+
=
Table 46 Set VOP register bits; note 1
Note
1. X = don’t care.
D/C
D7D6D5D4D3D2D1D0
DEFAULT
010110000
B0H
1
XXXX
VPR8
VPR7
VPR6
VPR5
08H
1
XXX
VPR4
VPR3
VPR2
VPR1
VPR0
01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com