Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 80Page - NXP Semiconductors PCF88331 Datasheet HTML 81Page - NXP Semiconductors PCF88331 Datasheet HTML 82Page - NXP Semiconductors PCF88331 Datasheet HTML 83Page - NXP Semiconductors PCF88331 Datasheet HTML 84Page - NXP Semiconductors PCF88331 Datasheet HTML 85Page - NXP Semiconductors PCF88331 Datasheet HTML 86Page - NXP Semiconductors PCF88331 Datasheet HTML 87Page - NXP Semiconductors PCF88331 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 112 page
background image
2003 Feb 14
84
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
handbook, full pagewidth
MGU972
INTERFACE
INTERFACE
REGISTERS
e.g. SLA[2:0]
0
to temperature
compensation circuit
OTP CELL
EFD
default = 0
INTERFACE
SFD
default = 1
OTP DEFAULTS
e.g. SLA[2:0]
OR
1
Fig.56 Factory defaults.
15.3
Seal bit
The module maker programming is performed in the
Calibration mode. This mode is entered via a special
interface command (CALMM). To prevent erroneous
programming, a seal bit has been implemented which
prevents the device from entering Calibration mode. This
seal bit, once programmed, cannot be reversed, thus
further changes in programmed values are not possible.
Applying the programming voltage when not in CALMM
mode will have no effect on the programmed values.
Table 89 Seal bit definition
15.4
OTP architecture
An OTP cell is divided into a non-volatile programmable
instance containing the value and a register, where the
value is made accessible to the rest of the chip.
In the PCF8833 104 OTP cells are available for the
module maker. These cells are organised in a matrix of
7 rows and 15 columns, where the last row is only partially
used; see Table 90. All the rows of one particular column
of the matrix are filled in parallel by sending 1 byte of data
with the OTPSHTIN command. Byte 15 is sent first
(containing PVB[3:0], BRS and TRS) and byte 0 last
(containing MMVOP[5:0] or SEAL).
Bit 7 of every data byte is not used. An example sequence
on how to fill the matrix is given in Table 96.
The default value of the OTP cells is shown in Table 91.
These values may be changed by programming the OTP
cell. The programming of a cell will invert the default value.
This inversion may only happen once per cell, as the
programming is irreversible.
Table 93 shows an example on how to program the OTP
cells to receive the values given in Table 92. Some
examples are given below:
1. The default for DFA[0] is 0; see Table 91, and it is
required to have DFA[0] = 1; see Table 92. This
means that the value needs to be inverted. Therefore
the OTP cell has to be programmed (a 1 in Table 93).
2. The default for DFA[4] is 1; see Table 91, and it is
required to have DFA[4] = 0; see Table 92. This
means that the value needs to be inverted. Therefore
the OTP cell has to be programmed (a 1 in Table 93).
3. The default for DFA[5] is 1; see Table 91, and it is
required to have DFA[5] = 1; see Table 92. This
means that it is not necessary to change the value.
Therefore it is not necessary to program the OTP cell
(a 0 in Table 93).
4. The default for DFA[6] is 0; see Table 91, and it is
required to have DFA[6] = 0; see Table 92. This
means that it is not necessary to change the value.
Therefore it is not necessary to program the OTP cell
(a 0 in Table 93).
SEAL BIT
ACTION
0
Calibration mode enabled
1
Calibration mode disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com