Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 31Page - NXP Semiconductors PCF88331 Datasheet HTML 32Page - NXP Semiconductors PCF88331 Datasheet HTML 33Page - NXP Semiconductors PCF88331 Datasheet HTML 34Page - NXP Semiconductors PCF88331 Datasheet HTML 35Page - NXP Semiconductors PCF88331 Datasheet HTML 36Page - NXP Semiconductors PCF88331 Datasheet HTML 37Page - NXP Semiconductors PCF88331 Datasheet HTML 38Page - NXP Semiconductors PCF88331 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 112 page
background image
2003 Feb 14
35
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
6.2.24.1
Rolling Scroll mode
The RAM-to-display mapping for the rolling Scroll mode
when a 132
× 130 (columns × rows) display is connected
to the PCF8833 is illustrated in Fig.14. In this case rows
0 and 131 must be left open. When a 132
× 132 display is
connected, there will be a one-to-one mapping between
the RAM and the display, and there will be no unused
rows.
The rolling Scroll mode is activated when the Set Entry
Scroll Point (SEP) is set; see Table 35.
Figure 15 gives an example for when the PCF8833 is
working in the rolling Scroll mode.
When the rolling Scroll mode is used the following
sequence can be applied:
• After the desired time interval increment the scroll
address to SEP + n for a n-line step
• Keep incrementing the scroll address (SEP) at regular
intervals.
The rolling Scroll mode is left when the normal Display
mode on (NORON) or the partial Display mode on
(PTLON) is selected.
Table 35 Set entry scroll point register bits
D/C
7
D6
543210
DEFAULT
000110111
37H
1
SEP7
SEP6
SEP5
SEP4
SEP3
SEP2
SEP1
SEP0
00H
handbook, full pagewidth
0
1
2
3
4
5
8
6
7
126
129
130
131
127
128
123
122
121
124
125
TF[7:0]
SA[7:0]
BF[7:0]
TF[7:0]
SA[7:0]
BF[7:0]
RAM (132 x 132)
0
0
1
2
3
4
7
8
5
6
127
130
131
131
128
129
124
121
120
125
126
display (132 x 130)
2 unused
rows
MGU923
Fig.14 RAM to display mapping for the rolling Scroll mode (TF + SA + BF = 130) for LAO = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com