Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PCF88331 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # PCF88331
Description  STN RGB - 132 X 132 X 3 driver
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF88331 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button PCF88331 Datasheet HTML 51Page - NXP Semiconductors PCF88331 Datasheet HTML 52Page - NXP Semiconductors PCF88331 Datasheet HTML 53Page - NXP Semiconductors PCF88331 Datasheet HTML 54Page - NXP Semiconductors PCF88331 Datasheet HTML 55Page - NXP Semiconductors PCF88331 Datasheet HTML 56Page - NXP Semiconductors PCF88331 Datasheet HTML 57Page - NXP Semiconductors PCF88331 Datasheet HTML 58Page - NXP Semiconductors PCF88331 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 112 page
background image
2003 Feb 14
55
Philips Semiconductors
Objective specification
STN RGB - 132
× 132 × 3 driver
PCF8833
Table 67 Offset value
TEMPERATURE RANGE
TD EQUIVALENT
OFFSET EQUATION VT
<
−40 °C0
32
× (MB + MA)
−40 °C to < −10 °C
0 to 31
(32
× MB)+MA × (32 − TD)
−10 to < 20 °C
32 to 63
(64
− TD) × MB
20
°Cto<50 °C64 to 95
−(TD − 64) × MC
50 to < 80
°C
96 to 127
−((32 × MC) + MD × (TD − 96))
≥80 °C
>127
−(32 × MC + 31 × MD)
6.2.41
FRAME FREQUENCY PROGRAMMING
The PCF8833 incorporates temperature segmented
Frame frequency programming (TCDF). The temperature
range is split into 4 areas as shown in Fig.31.
In each of the segments a Division Factor (DF) can be
programmed which determines the Frame Frequency
(FF). In equation (2) the frame frequency can be
calculated from a given division factor.
(2)
Where fosc is the oscillator frequency which is defined in
Chapter 13.
The Divider Factor (DF) is a 7-bit number so the upper
programming range is limited to 127DEC resulting in a
minimum frame frequency of 35.8 Hz. The lower
programming range is limited to 20DEC resulting in a
maximum frame frequency of 227 Hz. The frame
frequency is derived from the built-in oscillator, and thus
the tolerance of the frame frequency has the same ratio as
that given for the oscillator frequency; see Chapter 13.
When Partial mode is selected (see Sections 6.2.10 and
6.2.23) the same segmented frame frequencies will be
used as for the full Display mode.
FF
1
132
----------
f
osc
×
DF
--------------------------
=
Table 68 Frame frequency programming register bits; note 1
Note
1. X = don’t care.
D/C
76543210
DEFAULT
011000101
C5H
1
X
DFA6
DFA5
DFA4
DFA3
DFA2
DFA1
DFA0
38H
1
X
DFB6
DFB5
DFB4
DFB3
DFB2
DFB1
DFB0
35H
1
X
DFC6
DFC5
DFC4
DFC3
DFC2
DFC1
DFC0
30H
1
X
DFD6
DFD5
DFD4
DFD3
DFD2
DFD1
DFD0
25H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com