Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC564A80L7 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 67Page - STMicroelectronics SPC564A80L7 Datasheet HTML 68Page - STMicroelectronics SPC564A80L7 Datasheet HTML 69Page - STMicroelectronics SPC564A80L7 Datasheet HTML 70Page - STMicroelectronics SPC564A80L7 Datasheet HTML 71Page - STMicroelectronics SPC564A80L7 Datasheet HTML 72Page - STMicroelectronics SPC564A80L7 Datasheet HTML 73Page - STMicroelectronics SPC564A80L7 Datasheet HTML 74Page - STMicroelectronics SPC564A80L7 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
VDDEH7B
I/O Supply Input
I
3.3 V - 5.0 V
I / —
VDDEH7B
138
VSS
Ground
I
I / —
VSS
15,
29,
43,
57,
72,
90,
94,
96,
108,
115,
127,
133,
140
A1, A16,
B2, B15,
C3, C14,
D4, D13,
G7, G8,
G9,
G10,
H7, H8,
H9, H10,
J7, J8,
J9, J10,
K7,
K8, K9,
K10,
M16,
N4, N13,
P3, P14,
R2, R15,
T1, T16
A1, A22, B2,
B21, C3, C20,
D4, D19, J9,
J10, J11, J12,
J13, K9, K10,
K11, K12,
K13, K14, L9,
L10, L11, L12,
L13, L14,
M11, M12,
M13, M14, N9,
N10, N12,
N13, N14, P9,
P10, P12,
P13, P14,
T21, T22,
W4,W19, Y3,
Y20, AA2,
AA21, AB1,
AB22
1.
For each pin in the table, each line in the Function column is a separate function of the pin. For all I/O pins the selection of primary pin function or secondary function or
GPIO is done in the SIU except where explicitly noted. See the Signal details table for a description of each signal.
2.
The P/A/G column indicates the position a signal occupies in the muxing order for a pin—Primary, Alternate 1, Alternate 2, Alternate 3, or GPIO. Signals are selected by
setting the PA field value in the appropriate PCR register in the SIU module. The PA field values are as follows: P - 0b0001, A1 - 0b0010, A2 - 0b0100, A3 - 0b1000, or G -
0b0000. Depending on the register, the PA field size can vary in length. For PA fields having fewer than four bits, remove the appropriate number of leading zeroes from
these values.
3.
The Pad Configuration Register (PCR) PA field is used by software to select pin function.
4.
Values in the PCR No. column refer to registers in the System Integration Unit (SIU). The actual register name is “SIU_PCR” suffixed by the PCR number. For example,
PCR[190] refers to the SIU register named SIU_PCR190.
5.
The VDDE and VDDEH supply inputs are broken into segments. Each segment of slow I/O pins (VDDEH) may have a separate supply in the 3.3 V to 5.0 V range (-
10%/+5%). Each segment of fast I/O (VDDE) may have a separate supply in the 1.8 V to 3.3 V range (+/- 10%).
6.
See Table 5 for details on pad types.
Table 4.
SPC564A80 signal properties (continued)
Name
Function(1)
P
A
G(2)
PCR
PA
Field
(3)
PCR
(4)
I/O
Type
Voltage(5) /
Pad Type(6)
Status(7)
Package pin #
During Reset
After
Reset
176
208
324



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com