Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC564A80L7 Datasheet(PDF) 25 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 21Page - STMicroelectronics SPC564A80L7 Datasheet HTML 22Page - STMicroelectronics SPC564A80L7 Datasheet HTML 23Page - STMicroelectronics SPC564A80L7 Datasheet HTML 24Page - STMicroelectronics SPC564A80L7 Datasheet HTML 25Page - STMicroelectronics SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics SPC564A80L7 Datasheet HTML 27Page - STMicroelectronics SPC564A80L7 Datasheet HTML 28Page - STMicroelectronics SPC564A80L7 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
25/157
The FlexCAN modules provide the following features:
Full Implementation of the CAN protocol specification, Version 2.0B
Standard data and remote frames
Extended data and remote frames
Zero to eight bytes data length
Programmable bit rate up to 1 Mbit/s
Content-related addressing
64 message buffers of zero to eight bytes data length
Individual Rx Mask Register per message buffer
Each message buffer configurable as Rx or Tx, all supporting standard and extended
messages
Includes 1088 bytes of embedded memory for message buffer storage
Includes 256-byte memory for storing individual Rx mask registers
Full featured Rx FIFO with storage capacity for six frames and internal pointer handling
Powerful Rx FIFO ID filtering, capable of matching incoming IDs against 8 extended, 16
standard or 32 partial (8 bits) IDs, with individual masking capability
Selectable backwards compatibility with previous FlexCAN versions
Programmable clock source to the CAN Protocol Interface, either system clock or
oscillator clock
Listen only mode capability
Programmable loop-back mode supporting self-test operation
3 programmable Mask Registers
Programmable transmit-first scheme: lowest ID, lowest buffer number or highest priority
Time Stamp based on 16-bit free-running timer
Global network time, synchronized by a specific message
Maskable interrupts
Warning interrupts when the Rx and Tx Error Counters reach 96
Independent of the transmission medium (an external transceiver is assumed)
Multi-master concept
High immunity to EMI
Short latency time due to an arbitration scheme for high-priority messages
Low power mode, with programmable wake-up on bus activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com