Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC564A80L7 Datasheet(PDF) 17 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 13Page - STMicroelectronics SPC564A80L7 Datasheet HTML 14Page - STMicroelectronics SPC564A80L7 Datasheet HTML 15Page - STMicroelectronics SPC564A80L7 Datasheet HTML 16Page - STMicroelectronics SPC564A80L7 Datasheet HTML 17Page - STMicroelectronics SPC564A80L7 Datasheet HTML 18Page - STMicroelectronics SPC564A80L7 Datasheet HTML 19Page - STMicroelectronics SPC564A80L7 Datasheet HTML 20Page - STMicroelectronics SPC564A80L7 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 157 page
background image
SPC564A74L7, SPC564A80B4, SPC564A80L7
Introduction
Doc ID 15399 Rev 9
17/157
GPIO block provides uniform and discrete input/output control of the I/O pins of the MCU.
The reset controller performs reset monitoring of internal and external reset sources, and
drives the RSTOUT pin. Communication between the SIU and the e200z4 CPU core is via
the crossbar switch. The SIU provides the following features:
System configuration
MCU reset configuration via external pins
Pad configuration control for each pad
Pad configuration control for virtual I/O via DSPI serialization
System reset monitoring and generation
Power-on reset support
Reset status register provides last reset source to software
Glitch detection on reset input
Software controlled reset assertion
External interrupt
Rising or falling edge event detection
Programmable digital filter for glitch rejection
Critical Interrupt request
Non-Maskable Interrupt request
GPIO
Centralized control of I/O and bus pins
Virtual GPIO via DSPI serialization (requires external deserialization device)
Dedicated input and output registers for setting each GPIO and Virtual GPIO pin
Internal multiplexing
Allows serial and parallel chaining of DSPIs
Allows flexible selection of eQADC trigger inputs
Allows selection of interrupt requests between external pins and DSPI
1.5.8
Flash memory
The SPC564A80 provides up to 4 MB of programmable, non-volatile, flash memory. The
non-volatile memory (NVM) can be used to store instructions or data, or both. The flash
module includes a Fetch Accelerator that optimizes the performance of the flash array to
match the CPU architecture. The flash module interfaces the system bus to a dedicated
flash memory array controller. For CPU ‘loads’, DMA transfers and CPU instruction fetch, it
supports a 64-bit data bus width at the system bus port, and 128- and 256-bit read data
interfaces to flash memory. The module contains a prefetch controller which prefetches
sequential lines of data from the flash array into the buffers. Prefetch buffer hits allow no-wait
responses.
The flash memory provides the following features:
Supports a 64-bit data bus for instruction fetch, CPU loads and DMA access. Byte,
halfword, word and doubleword reads are supported. Only aligned word and
doubleword writes are supported.
Fetch Accelerator
Architected to optimize the performance of the flash
Configurable read buffering and line prefetch support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com