Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC564A80L7 Datasheet(PDF) 22 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 18Page - STMicroelectronics SPC564A80L7 Datasheet HTML 19Page - STMicroelectronics SPC564A80L7 Datasheet HTML 20Page - STMicroelectronics SPC564A80L7 Datasheet HTML 21Page - STMicroelectronics SPC564A80L7 Datasheet HTML 22Page - STMicroelectronics SPC564A80L7 Datasheet HTML 23Page - STMicroelectronics SPC564A80L7 Datasheet HTML 24Page - STMicroelectronics SPC564A80L7 Datasheet HTML 25Page - STMicroelectronics SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
22/157
Doc ID 15399 Rev 9
include differential inputs; integrated variable gain amplifiers for increasing the dynamic
range; programmable pull-up and pull-down resistors for biasing and sensor diagnostics.
The eQADC also integrates a programmable decimation filter capable of taking in ADC
conversion results at a high rate, passing them through a hardware low pass filter, then
down-sampling the output of the filter and feeding the lower sample rate results to the result
FIFOs. This allows the ADCs to sample the sensor at a rate high enough to avoid aliasing of
out-of-band noise; while providing a reduced sample rate output to minimize the amount
DSP processing bandwidth required to fully process the digitized waveform.
The eQADC provides the following features:
Dual on-chip ADCs
–2
 12-bit ADC resolution
Programmable resolution for increased conversion speed (12-bit, 10-bit, 8-bit)
12-bit conversion time: 938 ns (1 M sample/sec)
10-bit conversion time: 813 ns (1.2 M sample/second)
8-bit conversion time: 688 ns (1.4 M sample/second)
Up to 10-bit accuracy at 500 KSample/s and 8-bit accuracy at 1 MSample/s
Differential conversions
Single-ended signal range from 0 to 5 V
Variable gain amplifiers on differential inputs (
1, 2, 4)
Sample times of 2 (default), 8, 64 or 128 ADC clock cycles
Provides time stamp information when requested
Allows time stamp information relative to eTPU clock sources, such as an angle
clock
Parallel interface to eQADC CFIFOs and RFIFOs
Supports both right-justified unsigned and signed formats for conversion results
40 single-ended input channels, expandable to 56 channels with external multiplexers
(supports four external 8-to-1 muxes)
8 channels can be used as 4 pairs of differential analog input channels
Differential channels include variable gain amplifier for improved dynamic range
Differential channels include programmable pull-up and pull-down resistors for biasing
and sensor diagnostics (200 k
100 k5k
Additional internal channels for monitoring voltages (such as core voltage, I/O voltage,
LVI voltages, etc.) inside the device
An internal bandgap reference to allow absolute voltage measurements
Silicon die temperature sensor
Provides temperature of silicon as an analog value
Read using an internal ADC analog channel
May be read with either ADC
2 Decimation Filters
Programmable decimation factor (1 to 16)
Selectable IIR or FIR filter
Up to 4th order IIR or 8th order FIR
Programmable coefficients



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com