Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPC564A80L7 Datasheet(PDF) 28 Page - STMicroelectronics

Part # SPC564A80L7
Description  Up to 4 multiply and accumulate operations per cycle
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC564A80L7 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button SPC564A80L7 Datasheet HTML 24Page - STMicroelectronics SPC564A80L7 Datasheet HTML 25Page - STMicroelectronics SPC564A80L7 Datasheet HTML 26Page - STMicroelectronics SPC564A80L7 Datasheet HTML 27Page - STMicroelectronics SPC564A80L7 Datasheet HTML 28Page - STMicroelectronics SPC564A80L7 Datasheet HTML 29Page - STMicroelectronics SPC564A80L7 Datasheet HTML 30Page - STMicroelectronics SPC564A80L7 Datasheet HTML 31Page - STMicroelectronics SPC564A80L7 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 157 page
background image
Introduction
SPC564A74L7, SPC564A80B4, SPC564A80L7
28/157
Doc ID 15399 Rev 9
The Error Correction Status Module supports a number of miscellaneous control functions
for the platform. The ECSM includes these features:
Registers for capturing information on platform memory errors if error-correcting codes
(ECC) are implemented
For test purposes, optional registers to specify the generation of double-bit memory
errors are enabled on the SPC564A80.
The sources of the ECC errors are:
Flash
SRAM
Peripheral RAM (FlexRay, CAN, eTPU2 Parameter RAM)
1.5.22
External bus interface (EBI)
The SPC564A80 device features an external bus interface that is available in PBGA324 and
calibration packages.
The EBI supports operation at frequencies of system clock /1, /2 and /4, with a maximum
frequency support of 80 MHz. Customers running the device at 120 MHz or 132 MHz will
use the /2 divider, giving an EBI frequency of 60 MHz or 66 MHz. Customers running the
device at 80 MHz will be able to use the /1 divider to have the EBI run at the full 80 MHz
frequency.
Features include:
1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
Memory controller with support for various memory types
16-bit data bus, up to 22-bit address bus
Pin muxing included to support 32-bit muxed bus
Selectable drive strength
Configurable bus speed modes
Bus monitor
Configurable wait states
1.5.23
Calibration EBI
The Calibration EBI controls data transfer across the crossbar switch to/from memories or
peripherals attached to the calibration tool connector in the calibration address space. The
Calibration EBI is only available in the calibration tool.
Features include:
1.8 V to 3.3 V ± 10% I/O (1.6 V to 3.6 V)
Memory controller supports various memory types
16-bit data bus, up to 22-bit address bus
Pin muxing supports 32-bit muxed bus
Selectable drive strength
Configurable bus speed modes
Bus monitor
Configurable wait states



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com