Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 25Page - Cypress Semiconductor PSOC4100 Datasheet HTML 26Page - Cypress Semiconductor PSOC4100 Datasheet HTML 27Page - Cypress Semiconductor PSOC4100 Datasheet HTML 28Page - Cypress Semiconductor PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor PSOC4100 Datasheet HTML 30Page - Cypress Semiconductor PSOC4100 Datasheet HTML 31Page - Cypress Semiconductor PSOC4100 Datasheet HTML 32Page - Cypress Semiconductor PSOC4100 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 29 of 37
The field values are listed in Table 40.
Packaging
PSoC4
CAB
Libraries
with
Schematics
Symbols
and
PCB
Footprints
are
on
the
Cypress
web
site
at
http://www.cypress.com/cad-resources/psoc-4-cad-libraries?source=search&cat=technical_documents
Table 40. Field Values
Field
Description
Values
Meaning
CY8C
Cypress Prefix
4
Architecture
4
PSoC 4
A
Family within architecture
1
4100 Family
2
4200 Family
B
CPU Speed
2
24 MHz
448 MHz
C
Flash Capacity
4
16 KB
532 KB
DE
Package Code
PV
SSOP
F
Temperature Range
A/S
Automotive
GHI
Attributes Code
000-999
Code of feature set in specific family
Z
Fab location change
Table 41. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
For A grade devices
–40
25.00
85
°C
TA
Operating ambient temperature
For S grade devices
–40
25.00
105
°C
TJ
Operating junction temperature
For A grade devices
–40
–
100
°C
TJ
Operating junction temperature
For S grade devices
–40
–
120
°C
TJA
Package
θJA (28-pin SSOP)
–
66.58
–
°C/W
TJC
Package
θJC (28-pin SSOP)
–
46.28
–
°C/W
Table 42. Solder Reflow Peak Temperature
Package
Maximum Peak Temperature
Maximum Time at Peak Temperature
28-pin SSOP
260 °C
30 seconds
Table 43. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
28-pin SSOP
MSL 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com