Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 28Page - Cypress Semiconductor PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor PSOC4100 Datasheet HTML 30Page - Cypress Semiconductor PSOC4100 Datasheet HTML 31Page - Cypress Semiconductor PSOC4100 Datasheet HTML 32Page - Cypress Semiconductor PSOC4100 Datasheet HTML 33Page - Cypress Semiconductor PSOC4100 Datasheet HTML 34Page - Cypress Semiconductor PSOC4100 Datasheet HTML 35Page - Cypress Semiconductor PSOC4100 Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 32 of 37
PGA
programmable gain amplifier
PHUB
peripheral hub
PHY
physical layer
PICU
port interrupt control unit
PLA
programmable logic array
PLD
programmable logic device, see also PAL
PLL
phase-locked loop
PMDD
package material declaration data sheet
POR
power-on reset
PRES
precise power-on reset
PRS
pseudo random sequence
PS
port read data register
PSoC®
Programmable System-on-Chip™
PSRR
power supply rejection ratio
PWM
pulse-width modulator
RAM
random-access memory
RISC
reduced-instruction-set computing
RMS
root-mean-square
RTC
real-time clock
RTL
register transfer language
RTR
remote transmission request
RX
receive
SAR
successive approximation register
SC/CT
switched capacitor/continuous time
SCL
I2C serial clock
SDA
I2C serial data
S/H
sample and hold
SINAD
signal to noise and distortion ratio
SIO
special input/output, GPIO with advanced
features. See GPIO.
SOC
start of conversion
SOF
start of frame
SPI
Serial Peripheral Interface, a communications
protocol
SR
slew rate
SRAM
static random access memory
SRES
software reset
SWD
serial wire debug, a test protocol
SWV
single-wire viewer
TD
transaction descriptor, see also DMA
Table 44. Acronyms Used in this Document (continued)
Acronym
Description
THD
total harmonic distortion
TIA
transimpedance amplifier
TRM
technical reference manual
TTL
transistor-transistor logic
TX
transmit
UART
Universal Asynchronous Transmitter Receiver, a
communications protocol
UDB
universal digital block
USB
Universal Serial Bus
USBIO
USB input/output, PSoC pins used to connect to
a USB port
VDAC
voltage DAC, see also DAC, IDAC
WDT
watchdog timer
WOL
write once latch, see also NVL
WRES
watchdog timer reset
XRES
external reset I/O pin
XTAL
crystal
Table 44. Acronyms Used in this Document (continued)
Acronym
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com