Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 25 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 25 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 21Page - Cypress Semiconductor PSOC4100 Datasheet HTML 22Page - Cypress Semiconductor PSOC4100 Datasheet HTML 23Page - Cypress Semiconductor PSOC4100 Datasheet HTML 24Page - Cypress Semiconductor PSOC4100 Datasheet HTML 25Page - Cypress Semiconductor PSOC4100 Datasheet HTML 26Page - Cypress Semiconductor PSOC4100 Datasheet HTML 27Page - Cypress Semiconductor PSOC4100 Datasheet HTML 28Page - Cypress Semiconductor PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 25 of 37
Voltage Monitors
SWD Interface
Table 30. Voltage Monitors DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID195
VLVI1
LVI_A/D_SEL[3:0] = 0000b
1.71
1.75
1.79
V
SID196
VLVI2
LVI_A/D_SEL[3:0] = 0001b
1.76
1.80
1.85
V
SID197
VLVI3
LVI_A/D_SEL[3:0] = 0010b
1.85
1.90
1.95
V
SID198
VLVI4
LVI_A/D_SEL[3:0] = 0011b
1.95
2.00
2.05
V
SID199
VLVI5
LVI_A/D_SEL[3:0] = 0100b
2.05
2.10
2.15
V
SID200
VLVI6
LVI_A/D_SEL[3:0] = 0101b
2.15
2.20
2.26
V
SID201
VLVI7
LVI_A/D_SEL[3:0] = 0110b
2.24
2.30
2.36
V
SID202
VLVI8
LVI_A/D_SEL[3:0] = 0111b
2.34
2.40
2.46
V
SID203
VLVI9
LVI_A/D_SEL[3:0] = 1000b
2.44
2.50
2.56
V
SID204
VLVI10
LVI_A/D_SEL[3:0] = 1001b
2.54
2.60
2.67
V
SID205
VLVI11
LVI_A/D_SEL[3:0] = 1010b
2.63
2.70
2.77
V
SID206
VLVI12
LVI_A/D_SEL[3:0] = 1011b
2.73
2.80
2.87
V
SID207
VLVI13
LVI_A/D_SEL[3:0] = 1100b
2.83
2.90
2.97
V
SID208
VLVI14
LVI_A/D_SEL[3:0] = 1101b
2.93
3.00
3.08
V
SID209
VLVI15
LVI_A/D_SEL[3:0] = 1110b
3.12
3.20
3.28
V
SID210
VLVI16
LVI_A/D_SEL[3:0] = 1111b
4.39
4.50
4.61
V
SID211
LVI_IDD
Block current
–
–
100
µA
Guaranteed by
characterization
Table 31. Voltage Monitors AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID212
TMONTRIP
Voltage monitor trip time
–
–
1
µs
Guaranteed by
characterization
Table 32. SWD Interface Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID213
F_SWDCLK1
3.3 V
≤ VDD ≤ 5.5 V
–
–
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID214
F_SWDCLK2
1.71 V
≤ VDD ≤ 3.3 V
–
–
7
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
SID215
T_SWDI_SETUP T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID216
T_SWDI_HOLD T = 1/f SWDCLK
0.25*T
–
–
ns
Guaranteed by
characterization
SID217
T_SWDO_VALID T = 1/f SWDCLK
–
–
0.5*T
ns
Guaranteed by
characterization
SID217A
T_SWDO_HOLD T = 1/f SWDCLK
1
–
–
ns
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com