Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 12Page - Cypress Semiconductor PSOC4100 Datasheet HTML 13Page - Cypress Semiconductor PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor PSOC4100 Datasheet HTML 19Page - Cypress Semiconductor PSOC4100 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 16 of 37
XRES
Table 5. GPIO AC Specifications (Guaranteed by Characterization)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID70
TRISEF
Rise time in fast strong mode
2
–
12
ns
3.3-V VDDD,
Cload = 25 pF
SID71
TFALLF
Fall time in fast strong mode
2
–
12
ns
3.3-V VDDD,
Cload = 25 pF
SID72
TRISES
Rise time in slow strong mode
10
–
60
3.3-V VDDD,
Cload = 25 pF
SID73
TFALLS
Fall time in slow strong mode
10
–
60
3.3-V VDDD,
Cload = 25 pF
SID74
FGPIOUT1
GPIO Fout;3.3 V
≤ VDDD ≤ 5.5 V. Fast
strong mode.
–
–
24
MHz
90/10%, 25-pF
load, 60/40 duty
cycle
SID75
FGPIOUT2
GPIO Fout;1.7 V
≤ VDDD≤ 3.3 V. Fast
strong mode.
–
–
16.7
MHz
90/10%, 25-pF
load, 60/40 duty
cycle
SID76
FGPIOUT3
GPIO Fout;3.3 V
≤ VDDD ≤ 5.5 V. Slow
strong mode.
–
–
7
MHz
90/10%, 25-pF
load, 60/40 duty
cycle
SID245
FGPIOUT4
GPIO Fout;1.7 V
≤ VDDD ≤ 3.3 V. Slow
strong mode.
–
–
3.5
MHz
90/10%, 25-pF
load, 60/40 duty
cycle
SID246
FGPIOIN
GPIO input operating frequency;
1.71 V
≤ VDDD ≤ 5.5 V
–
–
24
MHz
90/10% VIO
Table 6. XRES DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID77
VIH
Input voltage high threshold
0.7 ×
VDDD
–
–
V
CMOS Input
SID78
VIL
Input voltage low threshold
–
–
0.3 ×
VDDD
V
CMOS Input
SID79
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
SID80
CIN
Input capacitance
–
3
–
pF
SID81
VHYSXRES
Input voltage hysteresis
–
100
–
mV
Guaranteed by
characterization
SID82
IDIODE
Current through protection diode to
VDDD/VSS
–
–
100
µA
Guaranteed by
characterization
Table 7. XRES AC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID83
TRESETWIDTH Reset pulse width
1
–
–
µs
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com