Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 24Page - Cypress Semiconductor PSOC4100 Datasheet HTML 25Page - Cypress Semiconductor PSOC4100 Datasheet HTML 26Page - Cypress Semiconductor PSOC4100 Datasheet HTML 27Page - Cypress Semiconductor PSOC4100 Datasheet HTML 28Page - Cypress Semiconductor PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor PSOC4100 Datasheet HTML 30Page - Cypress Semiconductor PSOC4100 Datasheet HTML 31Page - Cypress Semiconductor PSOC4100 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 28 of 37
Ordering Information
The PSoC 4100 part numbers and features are listed in the Table 39.
Part Numbering Conventions
PSoC 4 devices follow the part numbering convention described in the following table. All fields are single-character alphanumeric (0,
1, 2, …, 9, A,B, …, Z) unless stated otherwise.
The part numbers are of the form CY8C4ABCDEF-GHI where the fields are defined as follows.
Table 39. PSoC 4100 Family Ordering Information
Family
MPN
Features
Package
Operating
Temperature
4100
CY8C4124PVA-442Z
24 16
4
–
1
✔ ✔ 806 Ksps 2 4 2
24
✔
✔
–
CY8C4125PVA-482Z
24 32
4
–
1
✔ ✔ 806 Ksps 2 4 2
24
✔
✔
–
CY8C4124PVS-442Z
24 16
4
–
1
✔ ✔ 806 Ksps 2 4 2
24
✔
–
✔
CY8C4125PVS-482Z
24 32
4
–
1
✔ ✔ 806 Ksps 2 4 2
24
✔
–
✔
Architecture
Cypress Prefix
Family within Architecture
Speed Grade
Flash Capacity
Package Code
Temperature Range
Attributes Set
4 : PSoC 4
2: 24 MHz
5: 32 KB
PV : SSOP
A: Automotive -40 to +85 °C
S: Automotive: -40 to +105 °C
Example
CY8C
4 A
E
D
C
BF
H
G
-I
1 : 4100 Family
Z
Fab Location Change: Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com