Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 14Page - Cypress Semiconductor PSOC4100 Datasheet HTML 15Page - Cypress Semiconductor PSOC4100 Datasheet HTML 16Page - Cypress Semiconductor PSOC4100 Datasheet HTML 17Page - Cypress Semiconductor PSOC4100 Datasheet HTML 18Page - Cypress Semiconductor PSOC4100 Datasheet HTML 19Page - Cypress Semiconductor PSOC4100 Datasheet HTML 20Page - Cypress Semiconductor PSOC4100 Datasheet HTML 21Page - Cypress Semiconductor PSOC4100 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 18 of 37
Comparator
SID297
Cload
Stable up to maximum load. Perfor-
mance specs at 50 pF.
–
–
125
pF
SID298
Slew_rate
Cload = 50 pF, Power = High, VDDA ≥
2.7 V
6–
–
V/µs
SID299
T_op_wake
From disable to enable, no external RC
dominating
–300
–
µs
Comp_mode
Comparator mode; 50 mV drive,
Trise = Tfall (approx.)
––
–
SID299A
OL_GAIN
Open Loop Gain
–
90
–
dB
Guaranteed by
design
SID300
TPD1
Response time; power = high
–
150
–
ns
SID301
TPD2
Response time; power = medium
–
400
–
ns
SID302
TPD3
Response time; power = low
–
2000
–
ns
SID303
Vhyst_op
Hysteresis
–
10
–
mV
Table 8. Opamp Specifications (Guaranteed by Characterization) (continued)
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
Table 9. Comparator DC Specifications
Spec ID#
Parameter
Description
Min
Typ
Max
Units
Details/
Conditions
SID85
VOFFSET2
Input offset voltage, Common Mode
voltage range from 0 to VDD-1
––
±4
mV
SID85A
VOFFSET3
Input offset voltage. Ultra low-power
mode (VDDD ≥ 2.2 V for Temp < 0 °C,
VDDD ≥ 1.8 V for Temp > 0 °C)
–±12
–
mV
SID86
VHYST
Hysteresis when enabled, Common
Mode voltage range from 0 to (VDD – 1).
–
10
35
mV
Guaranteed by
characterization
SID87
VICM1
Input common mode voltage in normal
mode
0–
VDDD – 0.1
V
Modes 1 and 2
SID247
VICM2
Input common mode voltage in low
power mode (VDDD ≥ 2.2 V for Temp <
0°C, VDDD ≥ 1.8 V for Temp > 0 °C)
0–
VDDD
V
SID247A
VICM3
Input common mode voltage in ultra low
power mode
0–
VDDD –
1.15
V
SID88
CMRR
Common mode rejection ratio
50
–
–
dB
VDDD ≥ 2.7 V.
Guaranteed by
characterization
SID88A
CMRR
Common mode rejection ratio
42
–
–
dB
VDDD < 2.7 V.
Guaranteed by
characterization
SID89
ICMP1
Block current, normal mode
–
–
400
µA
Guaranteed by
characterization
SID248
ICMP2
Block current, low power mode
–
–
100
µA
Guaranteed by
characterization
SID259
ICMP3
Block current, ultra low power mode
(VDDD ≥ 2.2V for Temp < 0°C, VDDD ≥
1.8V for Temp > 0°C)
–
6
28
µA
Guaranteed by
characterization
SID90
ZCMP
DC input impedance of comparator
35
–
–
MΩ
Guaranteed by
characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com