Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSOC4100 Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # PSOC4100
Description  Programmable System-on-Chip (PSoC짰)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PSOC4100 Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button PSOC4100 Datasheet HTML 29Page - Cypress Semiconductor PSOC4100 Datasheet HTML 30Page - Cypress Semiconductor PSOC4100 Datasheet HTML 31Page - Cypress Semiconductor PSOC4100 Datasheet HTML 32Page - Cypress Semiconductor PSOC4100 Datasheet HTML 33Page - Cypress Semiconductor PSOC4100 Datasheet HTML 34Page - Cypress Semiconductor PSOC4100 Datasheet HTML 35Page - Cypress Semiconductor PSOC4100 Datasheet HTML 36Page - Cypress Semiconductor PSOC4100 Datasheet HTML 37Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
Automotive PSoC® 4: PSoC 4100
Family Datasheet
Document Number: 001-93576 Rev. *F
Page 35 of 37
*D (cont.)
5331416
MVRE
07/04/2016 Updated Electrical Specifications:
Updated Device-Level Specifications:
Updated Table 3:
Updated entire table.
Updated Analog Peripherals:
Updated Opamp:
Updated Table 8:
Updated values in “Typ” and “Max” columns for IDD_HI, IDD_MED, IDD_LOW
parameters.
Updated details in “Details/Conditions” column corresponding to “SID290”
Spec ID and “VOS_DR_TR” parameter.
Added SID290Q Spec ID corresponding to VOS_DR_TR parameter and its
details.
Added SID299A Spec ID corresponding to OL_GAIN parameter and its details.
Updated Comparator:
Updated Table 9:
Updated details in “Description”, “Min”, “Typ”, “Max” columns corresponding to
“ICMP1”, “ICMP2” and “ICMP3” parameters.
Updated Table 10:
Updated details in “Description”, “Min”, “Typ”, “Max” columns corresponding to
“TRESP1”, “TRESP2” and “TRESP3” parameters.
Updated Digital Peripherals:
Removed “Timer”.
Removed “Counter”.
Removed “Pulse Width Modulation (PWM)”.
Added Timer/Counter/PWM.
Updated I2C:
Updated Table 16:
Changed maximum value of II2C1 parameter from 10.5 μA to 50 μA.
Updated LCD Direct Drive:
Updated Table 20:
Changed maximum value of IUART1 parameter from 9 μA to 55 μA.
Updated SPI Specifications:
Updated Table 25:
Replaced “FCPU” with “Tscbclk” in “Max” column corresponding to TDSO
parameter.
Updated Memory:
Updated Table 27:
Added FRETQ parameter and its details.
Document History Page (continued)
Document Title: Automotive PSoC® 4: PSoC 4100 Family Datasheet Programmable System-on-Chip (PSoC®)
Document Number: 001-93576
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com